Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2122 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems MP2122 Datasheet HTML 10Page - Monolithic Power Systems MP2122 Datasheet HTML 11Page - Monolithic Power Systems MP2122 Datasheet HTML 12Page - Monolithic Power Systems MP2122 Datasheet HTML 13Page - Monolithic Power Systems MP2122 Datasheet HTML 14Page - Monolithic Power Systems MP2122 Datasheet HTML 15Page - Monolithic Power Systems MP2122 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2122 Rev. 1.02
www.MonolithicPower.com
12
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
MP2122 is a fully-integrated, dual-channel,
synchronous,
step-down
converter.
Both
channels have peak-current modes with internal
compensation for faster transient responses
and cycle-by-cycle current limits.
MP2122 is optimized for low-voltage, portable
applications where efficiency and small size are
critical.
180° Phase-Shift
By default, the MP2122’s two channels operate
at a 180° phase-shift to reduce input current
ripple: The smaller current ripple allows for a
smaller input bypass capacitor. In CCM, two
internal clocks control the switching: The high-
side MOSFET turns on at the corresponding
CLK’s rising edge.
CLK1
CLK2
SW1
SW2
t
CLk1, 2 has a 180o phase shift
Figure 2: Clock/Switching Timing
However, the switching frequency for each
channel falls when operating at low dropout, so
the MP2122 operates at a default switching
frequency of 1MHz with a fixed OFF time. After
the input voltage recovers, switching for PWM
mode resumes normally and synchronizes with
the master oscillator for phase-shifted operation.
Light-Load Operation
In light loads, the MP2122 uses a proprietary
control scheme to save power and improve
efficiency. The MP2122 will turn off the low side
switch when inductor current starts to reverse.
Then
MP2122
works
in
discontinuous
conduction mode (DCM) operation.
When either channel enters DCM or low-
dropout operation, this channel will not be
controlled by the internal 1MHz oscillator.
Condition
Mode
CH1
CH2
CH1
CH2
1
Heavy Load
1MHz
CCM
1MHz
CCM,0°
Phase
2
Light Load
DCM
DCM
3
Low Dropout
Fixed OFF
Time
Fixed OFF
Time
4
Heavy
Load
Light
Load
0.95MHz
CCM
DCM
5
Light
Load
Heavy
Load
DCM
0.95MHz
CCM
6
Heavy
Load
Low
Dropout
0.95MHz
CCM
Fixed OFF
Time
7
Low
Dropout
Heavy
Load
Fixed OFF
Time
0.95MHz
CCM
8
Light
Load
Low
Dropout
DCM
Fixed OFF
Time
9
Low
Dropout
Light
Load
Fixed OFF
Time
DCM
Soft Start
MP2122 has a built-in soft start that ramps up the
output voltage at a controlled slew rate to start-up
overshoot. The soft-start time is ~0.5ms.
Current Limit and Short-Circuit Recovery
Each channel’s high-side switch has a 3.5A
(typ.) current limit. The MP2122 treats any
current-limit condition that remains for 400us as
a short and enter hiccup mode.
The MP2122 disables its output power stage in
hiccup mode, and then slowly discharges the
soft-start capacitor before initiating soft-start. If
the short-circuit condition remains, the MP2122
repeats this operation till the short circuit
disappears and output returns to the regulation
level.


Similar Part No. - MP2122

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2122GJ MPS-MP2122GJ Datasheet
207Kb / 4P
   6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
More results

Similar Description - MP2122

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
   6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
   6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
   6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
   6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com