Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH289DPL Datasheet(PDF) 2 Page - Anachip Corp

Part # AH289DPL
Description  High Voltage Hall-Effect Smart Fan Motor Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH289DPL Datasheet(HTML) 2 Page - Anachip Corp

  AH289DPL Datasheet HTML 1Page - Anachip Corp AH289DPL Datasheet HTML 2Page - Anachip Corp AH289DPL Datasheet HTML 3Page - Anachip Corp AH289DPL Datasheet HTML 4Page - Anachip Corp AH289DPL Datasheet HTML 5Page - Anachip Corp AH289DPL Datasheet HTML 6Page - Anachip Corp AH289DPL Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AH289
High Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jan 17, 2005
2/7
Block Diagram (SIP5)
Hall
Plate
Control Logic
Regulator
Lock shutdown
and
Automatic recovery
VCC
GND
DOB
DO
Amp.
2
3
4
5
1
RD
Typical Application Circuit (SIP5)
289
1
5
4
3
2
Vcc
(24V)
Coil2
Coil1
Rpu
RD
(alarm)
GND
D2
48V
48V
D1
C1=1uF
24V DC Brush-less Fan with RD output function


Similar Part No. - AH289DPL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289 DIODES-AH289 Datasheet
116Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH289-P DIODES-AH289-P Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-13 DIODES-AH289-PL-13 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-B DIODES-AH289-PL-B Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results

Similar Description - AH289DPL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com