Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3003-18SA Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3003-18SA
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003-18SA Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3003-18SA Datasheet HTML 1Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 2Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 3Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 4Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 5Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 6Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 7Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 8Page - California Micro Devices Corp CM3003-18SA Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/15/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
1
CM3003
1.5 Amp Dual Mode Low Dropout CMOS Regulator
Features
Adjustable Output or Internally Fixed
375mV dropout at 1.5A load current
Operates from 2.2V to 5.5V input supply
Low Ground current (330
µA at 1.5A Load)
Minimal output capacitance required
Current Limit Protection
Thermal Overload Protection
Reverse Voltage Protection
Thermally enhanced 8-pin SOIC package
Lead-free versions available
Applications
Low Voltage "Core" processors
Graphics Cards
Gigabit NIC Cards
PC Motherboards
Notebooks
Product Description
The CM3003 is a family of very low dropout regulators
that offers dual mode operation. When the Adjust con-
trol pin (ADJ) is grounded, these devices automatically
enter a fixed voltage mode and deliver either a 1.8V or
2.5V output capable of supplying 1.5A, depending on
the device utilized. When the Adjust pin is connected to
an external resistor network the device automatically
operates as an adjustable regulator. The Adjust pin can
also be tied directly to the OUT pin which configures
the CM3003 as a 1.2V regulator.
An Enable control pin (EN) allows the device to be
placed in a low current mode.
The CM3003 devices are fully protected, offering both
overload current limiting, short circuit protection and
high temperature thermal shutdown. These devices
also includes reverse voltage protection that minimizes
any reverse current flow back into the output pin.
The CM3003 devices are housed in a space saving, 8-
pin power SOIC packages which has been thermally
enhanced (integral leadframe) to ensure maximum
junction to ambient power dissipation.
The CM3003 devices are available with optional lead-
free finishing.
Simplified Electrical Schematic
Typical Application Circuit
IN
EN
OUT
GND
10
µF
100nF
VOUT
GND
CM3003
ADJ
VIN
2.2V - 5.5V
10
µF
1.8V/2.5V@1.5A
EN
1.2V Reference
Voltage
+
IN
GND
EN
ADJ
Over Current
Short Circuit
Over Temp
-
2.2V-5.5V
Controller
2.5V Output when ADJ = GND
OUT
Automatically selects Adjustable Output
(when external resistors are present)
Fixed
Adj
130K
120K
1.5 AMP


Similar Part No. - CM3003-18SA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3001 CALMIRCO-CM3001 Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3001-13MA CALMIRCO-CM3001-13MA Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
CM3002-15 CALMIRCO-CM3002-15 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
CM3002-15SA CALMIRCO-CM3002-15SA Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results

Similar Description - CM3003-18SA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3004 CALMIRCO-CM3004 Datasheet
211Kb / 9P
   1.0 Amp Dual Mode Low-Dropout CMOS Regulator
CM3065 CALMIRCO-CM3065 Datasheet
114Kb / 6P
   2.0 Amp Tri-Mode Low Dropout CMOS Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Semtech Corporation
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
   VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
List of Unclassifed Man...
AMC7587 ETC1-AMC7587 Datasheet
292Kb / 10P
   1.5 Low Dropout Regulator
logo
Seme LAB
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com