Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2148 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 4Page - Monolithic Power Systems MP2148 Datasheet HTML 5Page - Monolithic Power Systems MP2148 Datasheet HTML 6Page - Monolithic Power Systems MP2148 Datasheet HTML 7Page - Monolithic Power Systems MP2148 Datasheet HTML 8Page - Monolithic Power Systems MP2148 Datasheet HTML 9Page - Monolithic Power Systems MP2148 Datasheet HTML 10Page - Monolithic Power Systems MP2148 Datasheet HTML 11Page - Monolithic Power Systems MP2148 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
8
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L =1.0µH, TA = +25ºC, unless otherwise noted.


Similar Part No. - MP2148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2148GQD MPS-MP2148GQD Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
More results

Similar Description - MP2148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV21148-QD-00B MPS-EV21148-QD-00B Datasheet
273Kb / 7P
   1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
   0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
   1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com