Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2162A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2162A Datasheet HTML 1Page - Monolithic Power Systems MP2162A Datasheet HTML 2Page - Monolithic Power Systems MP2162A Datasheet HTML 3Page - Monolithic Power Systems MP2162A Datasheet HTML 4Page - Monolithic Power Systems MP2162A Datasheet HTML 5Page - Monolithic Power Systems MP2162A Datasheet HTML 6Page - Monolithic Power Systems MP2162A Datasheet HTML 7Page - Monolithic Power Systems MP2162A Datasheet HTML 8Page - Monolithic Power Systems MP2162A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MP2162A – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2162A Rev. 1.03
www.MonolihicPower.com
2
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP2162AGQH*
QFN-8
(2.0mmx1.5mm)
See Below
MP2162AGQHT**
TQFN-8
(2.0mmx1.5mmx0.75mm)
See Below
MP2162AGQHU***
UTQFN-8
(2.0mmx1.5mmx0.55mm)
See Below
*For Tape & Reel, add suffix –Z (e.g. MP2162AGQH-Z)
**For Tape & Reel, add suffix –Z (e.g. MP2162AGQHT-Z)
***For Tape & Reel, add suffix –Z (e.g. MP2162AGQHU-Z)
TOP MARKING
EB: Product code of MP2162AGQH and MP2162AGQHU
LL: Lot number
TOP MARKING
EQ: Product code of MP2162AGQHT
LL: Lot number


Similar Part No. - MP2162A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2162GQH MPS-MP2162GQH Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
More results

Similar Description - MP2162A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
   1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com