Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV47721 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV47721
Description  Adjustable LDO with Adjustable Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47721 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV47721 Datasheet HTML 5Page - ON Semiconductor NCV47721 Datasheet HTML 6Page - ON Semiconductor NCV47721 Datasheet HTML 7Page - ON Semiconductor NCV47721 Datasheet HTML 8Page - ON Semiconductor NCV47721 Datasheet HTML 9Page - ON Semiconductor NCV47721 Datasheet HTML 10Page - ON Semiconductor NCV47721 Datasheet HTML 11Page - ON Semiconductor NCV47721 Datasheet HTML 12Page - ON Semiconductor NCV47721 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCV47721
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 16. Output Capacitor Stability Region
vs. Output Current
Figure 17. Noise vs. Frequency
IOUT, OUTPUT CURRENT (mA)
FREQUENCY (Hz)
200
150
100
50
0
0.01
0.1
1
10
100
100K
10K
1K
100
10
0
500
1000
1500
2000
2500
3000
3500
Figure 18. PSRR vs. Frequency
FREQUENCY (Hz)
100K
10K
1K
100
10
20
30
40
50
80
90
100
120
60
70
110
Stable Region Area
Under Curves
Unstable Region Area
Above Curves
TJ = 25°C
Vin = Vout_nom + 8.5 V
Cout = 10 mF − 100 mF
Cb = none
Vout_nom = 20 V
Vout_nom = 5 V
Vout_nom = 3.3 V
TJ = 25°C
Vin = 12 V
Cb = 10 nF
Iout = 5 mA
f = 10 Hz − 100 kHz
Vn = 168.2 mV
Iout = 5 mA
Iout = 200 mA
TA = 25°C
Vin = 13.5 V DC + 0.5 VPP AC
Vout_nom = 5 V


Similar Part No. - NCV47721

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722DAJR2G ONSEMI-NCV47722DAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722MNWTXG ONSEMI-NCV47722MNWTXG Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722PAAJR2G ONSEMI-NCV47722PAAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results

Similar Description - NCV47721

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com