Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV51460 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV51460
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51460 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV51460 Datasheet HTML 1Page - ON Semiconductor NCV51460 Datasheet HTML 2Page - ON Semiconductor NCV51460 Datasheet HTML 3Page - ON Semiconductor NCV51460 Datasheet HTML 4Page - ON Semiconductor NCV51460 Datasheet HTML 5Page - ON Semiconductor NCV51460 Datasheet HTML 6Page - ON Semiconductor NCV51460 Datasheet HTML 7Page - ON Semiconductor NCV51460 Datasheet HTML 8Page - ON Semiconductor NCV51460 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCV51460
www.onsemi.com
3
Table 5. ELECTRICAL CHARACTERISTICS (VIN = VOUT + 2.5 V, IOUT = 0, CIN = 0.1 mF, COUT = 0 mF; For typical values TA =
25
°C, for min/max values −40°C ≤ TA ≤ 125°C unless otherwise noted.) (Note 5).
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
VOUT
3.267
(−1%)
3.3
3.333
(+1%)
V
Line Regulation
VIN = VOUT + 0.9 V to VOUT + 2.5 V
VIN = VOUT + 2.5 V to VOUT + 20 V
RegLINE
150
65
500
130
ppm/V
Load Regulation
IOUT = 0 to 100 mA
IOUT = 0 to 10 mA
IOUT = 0 to 20 mA
RegLOAD
1100
150
120
4000
400
400
ppm/mA
Dropout Voltage
Measured at VOUT − 2%
IOUT = 0 mA
IOUT = 10 mA
VDO
0.65
0.9
0.9
1.4
V
Quiescent Current
IOUT = 0 mA, TA = 25°C
IOUT = 0 mA, 0°C ≤ TA ≤ 100°C
IQ
140
200
220
mA
Output Short Circuit Current
VOUT = 0 V, TA = 25°C
ISC
80
mA
Reverse Leakage
VIN = − 15 V, TA = 25°C
ILEAK
0.1
10
mA
Output Noise Voltage (Note 6)
f = 0.1 Hz to 10 Hz
f = 10 Hz to 1 kHz
VN
12
18
mVPP
mVrms
Output Voltage Temperature
Coefficient
0
°C ≤ TA ≤ 100°C
−40
°C ≤ TA ≤ 125°C
TCO
18
34
ppm/
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization, tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. The noise spectral density from 0.1 Hz to 10 Hz is measured, then the integral output noise voltage in this range is calculated. Finally the
peak to peak noise is calculated as 5x integral output noise.
TYPICAL CHARACTERISTICS
Figure 2. Output Voltage vs. Temperature
Figure 3. Output Voltage vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
IOUT = 0 mA
COUT = 0 mF
VIN = VOUT + 20 V
3.267
3.272
3.277
3.282
3.287
3.292
3.297
3.302
3.307
3.312
3.317
3.322
3.327
3.332
−40
−20
0
20
40
60
80
100
120
140
VIN = VOUT + 2.5 V
VIN = VOUT + 0.9 V
3.267
3.272
3.277
3.282
3.287
3.292
3.297
3.302
3.307
3.312
3.317
3.322
3.327
3.332
−40
−20
0
20
40
60
80
100
120 140
TJ, JUNCTION TEMPERATURE (°C)
VIN = VOUT + 2.5 V
COUT = 0 mF
IOUT = 0 mA
IOUT = 10 mA
IOUT = 20 mA


Similar Part No. - NCV51460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51400 ONSEMI-NCV51400 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MWTXG ONSEMI-NCV51400MWTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com