Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CV25 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62137CV25
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV25 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62137CV25 Datasheet HTML 2Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 3Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 4Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 5Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 6Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 7Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 8Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 9Page - Cypress Semiconductor CY62137CV25 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *D
Page 6 of 13
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
45
ns
tBW
BHE/BLE Pulse Width
50
60
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High-Z[10, 12]
20
25
ns
tLZWE
WE HIGH to Low-Z[10]
10
10
ns
Switching Characteristics Over the Operating Range[9] (continued)
Parameter
Description
55 ns
70 ns
Unit
Min
Max
Min
Max
Switching Waveforms
Notes:
14. Device is continuously selected. OE, CE = VIL, BHE, BLE = VIL.
15. WE is HIGH for read cycle.
16. Address valid prior to or coincident with CE, BHE, BLE transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Read Cycle No. 1 (Address Transition Controlled)
[14, 15]
Read Cycle No. 2 (OE Controlled)
[15, 16]
50%
50%
DATA VALID
tRC
tACE
tLZBE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
tHZBE
BHE/BLE
tLZOE
ADDRESS
tDOE
tLZOE
tDBE


Similar Part No. - CY62137CV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62137CV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com