Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5253B-8GDPR5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5253B-8GDPR5G
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5G Datasheet(HTML) 4 Page - ON Semiconductor

  CS5253B-8GDPR5G Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS5253B−8
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Output Voltage vs Junction Temperature
Figure 4. Output Current vs VPOWER − VOUT
01
2
3
4
6
5
VPOWER − VOUT (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Measured at
DVOUT = −1.5%
2.501
2.500
2.499
2.498
2.497
2.496
2.495
2.494
0
20
40
60
80
120
100
Junction Temperature (
°C)
Figure 5. Transient Response Comparison between
CS5253−1 and CS5253B−8
Figure 6. Short Circuit Output Current vs Junction
Temperature
020
60
40
140
Junction Temperature (
°C)
3.9
3.8
3.7
3.6
3.5
3.4
3.3
80
120
100
VCONTROL = 5.0 V
VPOWER = 3.3 V
VCONTROL = 5.0 V
VPOWER = 3.3 V
VOUT = 2.5 V
CCONTROL = 10 mF
CADJ = 0.1 mF
VOUT
CS5253−1
COUT = 330 mF
VOUT
CS5253B−8
COUT = 33 mF
ILOAD
10 mA to 3.0 A
15 A/
ms
80 A/
ms
Figure 7. Load Regulation vs Output Current
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
0
0.02
0.04
0.06
0.08
0.10
0.12
2.5
TJ = 20°C
TJ = 120°C
TJ = 0°C
020
60
40
140
Junction Temperature (
°C)
12
10
8
6
4
2
0
80
120
100
VCONTROL = 13 V
VOUT = 0 V
VPOWER Not Connected
Figure 8. VCONTROL Only Output Current vs Junction
Temperature


Similar Part No. - CS5253B-8GDPR5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8GDPR5G ONSEMI-CS5253B-8GDPR5G Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
More results

Similar Description - CS5253B-8GDPR5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8_05 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
   3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com