Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861QI Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT2861QI
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 13Page - Active-Semi, Inc ACT2861QI Datasheet HTML 14Page - Active-Semi, Inc ACT2861QI Datasheet HTML 15Page - Active-Semi, Inc ACT2861QI Datasheet HTML 16Page - Active-Semi, Inc ACT2861QI Datasheet HTML 17Page - Active-Semi, Inc ACT2861QI Datasheet HTML 18Page - Active-Semi, Inc ACT2861QI Datasheet HTML 19Page - Active-Semi, Inc ACT2861QI Datasheet HTML 20Page - Active-Semi, Inc ACT2861QI Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
17
I2C INTERFACE ELECTRICAL CHARACTERISTICS
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VILO
VIO = 1.8V
0.4
V
SCL, SDA Input High
VIHI
VIO = 1.8V
1.25
V
SDA Leakage Current
IOH
SDA = 5V
1
µA
SDA Output Low
VOL
IOL = 5mA
0.4
V
SCL Clock Frequency
fSCL
0
1000
kHz
SCL Low Period
tSCL_LOW
0.5
us
SCL High Period
tSCL_HI
0.26
us
SDA Data Setup Time
tSU
50
ns
SDA Data Hold Time
tHD
0
ns
Start Setup Time
tST
260
ns
Stop Setup Time
tSP
260
ns
Capacitance on SCL or SDA PIN
CIN
10
pF
Noise suppression on SCL and
SDA
tDEGLITCH
50
ns
I2C Timeout Function
tout
Total time required for I2C communication to
cause I2C state machine to reset
100
ms
Note1: Comply with I2C timings for 1MHz operation - “Fast Mode Plus”.
Note2: No internal timeout for I2C operations, however, I2C communication state machine will be reset when entering UV/POR State.
Note3: This is an I2C system specification only. Rise and fall time of SCL & SDA not controlled by the IC.
Note4: IC Address is factory configurable to 7’h24, 7’h66.
Figure 2: I2C Data Transfer
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition


Similar Part No. - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Similar Description - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com