Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4911QW Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT4911QW
Description  Power Loss Protection with 6A eFuse
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4911QW Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT4911QW Datasheet HTML 21Page - Active-Semi, Inc ACT4911QW Datasheet HTML 22Page - Active-Semi, Inc ACT4911QW Datasheet HTML 23Page - Active-Semi, Inc ACT4911QW Datasheet HTML 24Page - Active-Semi, Inc ACT4911QW Datasheet HTML 25Page - Active-Semi, Inc ACT4911QW Datasheet HTML 26Page - Active-Semi, Inc ACT4911QW Datasheet HTML 27Page - Active-Semi, Inc ACT4911QW Datasheet HTML 28Page - Active-Semi, Inc ACT4911QW Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ACT4911QW
Rev 1.0, 15-Sept-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2017 Active-Semi, Inc.
25
The ACT4911 allows for very flexible health checking
routines by allowing the system to manually enable the
10mA
discharge
current
by
setting
the
EN_STR10mASINK bit = 1. In this situation, the system
manually turns the discharge current on and off. The
storage capacitor voltage threshold is still determined
by the HMON_THR register. This function is useful for
checking extremely large capacitor values which need
very long discharge times.
PG_THR
(Programmable)
VSTR
Initial Charge
Health Testing
Top-Off
Maintain
V
10mA
50mA
I
200us
Programmable
Discharge Time
Programmable
Interval Time
t
t
0
0
Storage Cap Voltag e
Discharge Current
Figure 6: Storage Voltage at Different Stages
The register HMON_TSET [3:0] sets the health check
discharge time as shown in Table 7. This also allows the
use of the ADC to check the slope of the discharge and
calculate the capacitance.
Table 7: Health Check Discharge Time
HMON_TSET[2:0]
HMON_TSET[3] (ms)
0
1
000
2
384
001
4
512
010
8
640
011
16
768
100
32
896
101
64
1024
110
128
1152
111
256
1280
ADC Monitoring
General Description
The ACT4911 contains a built-in analog to digital con-
verter, ADC, which can be used to monitor five system
level parameters. These include input voltage, output
voltage, storage capacitor voltage, eFuse current, and
die temperature. It is a single 8 bit delta-sigma ADC that
uses an analog input multiplexer to select one of six
channels for the A/D conversion. The resulting digital
results are stored in six digital registers. A six to one
multiplexer connects one of the ADC output registers to
the user accessible register map.
ADC Configuration
The ACT4911 ADC is configured through the I2C
interface. It is enabled and disabled by the EN_ADC
register bit. The ADC has two conversion modes,
manual single-shot conversion and automatic polling
conversion.
Single-Shot Conversion
Configure the IC for single-shot conversion mode by
setting the following I2C bits in register 0x08h
ADC_ONE_SHOT = 1.
ADC_CH_SCAN = 0
EN_ADCBUF = 1
In single shot mode, the user defines the input channel
to be converted and then manually initiates the ADC
conversion. I2C bits ADC_CH_CONV [2:0] in register
0x08h select the input channel to be converted.
ADC_CH_READ [2:0] selects the ADC channel to be
read. These should be set to the same channel. The
user initiates an ADC read by writing a 1 into EN_ADC
in register 0x08h. When ADC conversion is complete,
the ADC_DATA_READY bit (register 0x07h [7]) is set to
1, nIRQ is asserted low, and EN_ADC automatically
changes back to 0. The uP can then read the status bits
to find that the ADC conversion is complete. The ADC
data are stored in ADC_DOUT [13:6] in register 0x05h.
nIRQ stays asserted low and the ADC_READY_BIT
stays equal to 1 until the ADC data is read. Reading the
ADC data automatically deasserts nIRQ. To initiate
another ADC conversion for the same channel, set
EN_ADC=1. To initiate an ADC conversion for another
channel,
change
ADC_CH_CONV
and
ADC_CH_READ to the appropriate channel and then
set EN_ADC=1.


Similar Part No. - ACT4911QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4911QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com