Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 29Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 30Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 31Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 32Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 33Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 34Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 35Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 36Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
33 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
I2C Interface
The ACT8846 features an I2C interface that allows
advanced programming capability to enhance overall
system performance. To ensure compatibility with a
wide range of system processors, the I2C interface
supports clock speeds of up to 400kHz (“Fast-Mode”
operation) and uses standard I2C commands. I2C
write-byte commands are used to program the
ACT8846, and I2C read-byte commands are used to
read the ACT8846’s internal registers. The ACT8846
always operates as a slave device, and is addressed
using a 7-bit slave address followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation, [1011010x].
SDA is a bi-directional data line and SCL is a clock
input. The master device initiates a transaction by
issuing a START condition, defined by SDA
transitioning from high to low while SCL is high. Data
is transferred in 8-bit packets, beginning with the
MSB, and is clocked-in on the rising edge of SCL.
Each packet of data is followed by an “Acknowledge”
(ACK) bit, used to confirm that the data was
transmitted successfully.
For more information regarding the I2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com.
Housekeeping Functions
Programmable battery Voltage Monitor
The ACT8846 features a programmable battery-
voltage monitor, which monitors the voltage at INL2
(which should be connected directly to the battery)
and compares it to a programmable threshold
voltage. The VBATMON comparator is designed to
be immune to noise resulting from switching, load
transients, etc. The BATMON comparator is disable
by default; to enable it, set the BATLEV[3:0] register
to one of the value in Table 4. Note that there is a
200mV hysteresis between the rising and falling
threshold for the comparator. The VBATDAT [-] bit
reflects the output of the BATMON comparator. The
value of VBATDAT[ ] is 1 when VINL2 < BATLEV;
value is 0 otherwise.
The VBATMON comparator can generate an
interrupt when VINL2 is lower than BATLEV[ ] voltage.
The interrupt is masked by default by can be
unmasked by setting VBATMSK[ ] = 1.
Table 4:
BATLEV Falling Threshold
Thermal Protection
The
ACT8846
integrates
thermal
shutdown
protection circuitry to prevent damage resulting
from excessive thermal stress, as may be
encountered under fault conditions.
Thermal Interrupt
If the thermal interrupt is unmasked (by setting
nTMSK[ ] to 1), ACT8846 can generate an interrupt
when the die temperature reaches 120°C (typ).
Thermal Protection
If the ACT8846 die temperature exceeds 160°C, the
thermal protection circuitry disables all regulators
and prevents the regulators from being enabled until
the IC temperature drops by 20°C (typ).
FUNCTIONAL DESCRIPTION
BATLEV[3:0]
BATLEV Falling
Threshold
0000
2.5
0001
2.6
0010
2.7
0011
2.8
0100
2.9
0101
3.0
0110
3.1
0111
3.2
1000
3.3
1001
3.4
1010
3.5
1011
3.6
1100
3.7
1101
3.8
1110
3.9
1111
4.0


Similar Part No. - ACT8846_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

Similar Description - ACT8846_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com