Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC5255 Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 11Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 12Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 13Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 14Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 15Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 16Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 17Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 18Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 19Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
PAC5255
Power Application Controller
9. PIN DESCRIPTION
Table 4. Multi-Mode Power Manager and System Pin Description
PIN NAME
PIN NUMBER
TYPE
DESCRIPTION
CSM
20
Analog
Switching supply current sense input. Connect to the positive side of the current sense
resistor.
DRM
23
Analog
Switching supply driver output. Connect to the base or gate of the external power NPN or
n-channel MOSFET. See PAC User Guide and application notes.
EP (VSS)
EP
Power
Exposed pad. Must be connected to VSS in a star ground configuration. Connect to a large
PCB copper area for power dissipation heat sinking.
REGO
19
Power
System regulator output. Connect to VSYS directly or through an external power-dissipating
resistor.
VCC18
2
Power
Internally generated 1.8V core power supply. Connect a 2.2μF or higher value ceramic
capacitor from VCC18 to VSSA. See Figure 9-1. Power Supply Bypass Capacitor Routing
below.
VCC33
5
Power
Internally generated 3.3V power supply. Connect a 2.2μF or higher value ceramic capacitor
from VCC33 to VSSA. See PCB layout note below.
VCCIO
56
Power
Internally generated digital I/O power supply. Connect a 4.7μF or higher value ceramic
capacitor from VCCIO to VSSA. See Figure 9-1. Power Supply Bypass Capacitor Routing
below.
VHM
22
Power
Switching supply controller supply input. Connect a 1μF or higher value ceramic capacitor,
or a 0.1μF ceramic capacitor in parallel with a 10μF or higher electrolytic capacitor from
VHM to VSSP. This pin requires good capacitive bypassing to VSSP, so the ceramic capacitor
must be connected with a shorter than 10mm trace from the pin. See Figure 9-1. Power
Supply Bypass Capacitor Routing below.
VP
21
Power
Main power supply. Provides power to the power drivers as well as voltage feedback path
for the switching supply. Connect a properly sized supply bypass capacitor in parallel with
a 0.1μF ceramic capacitor from VP pin to VSS for voltage loop stabilization. This pin
requires good capacitive bypassing to VSS, so the ceramic capacitor must be connected with
a shorter than 10mm trace from the pin. See See Figure 9-1. Power Supply Bypass
Capacitor Routing below.
VSS
7
Power
Ground.
VSSA
6
Power
Analog ground. Connect to VSS in a star ground configuration.
VSSP
24
Power
Power ground. Connect to VSS in a star ground configuration.
VSYS
18
Power
5V system power supply. Connect a 4.7μF or higher value ceramic capacitor from VSYS to
VSSP. See Figure 9-1. Power Supply Bypass Capacitor Routing below.
XIN
57
Analog
Crystal oscillator driver input. Leave floating if unused.
XOUT
1
Analog
Crystal oscillator driver output. Leave floating if unused.
- 15 -
Rev 1.10‒March 3, 2018


Similar Part No. - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Similar Description - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com