Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC5255 Datasheet(PDF) 58 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 58 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 54Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 55Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 56Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 57Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 58Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 59Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 60Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 61Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 62Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
PAC5255
Power Application Controller
16.4. Electrical Characteristics
Table 30. Microcontroller and Clock Control System Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
fHCLK
Microcontroller clock
HCLK
50
MHz
IOP;VSYS
VSYS operating supply current
fFRCLK = fHCLK = fACLK = ROSC 11b, PLL
disabled, CPU halt; other clock sources, ADC,
timers, and serial interface disabled
2.5(1)
3.4
7
mA
fFRCLK = fHCLK = fACLK = ROSC 10, PLL
disabled, CPU halt; other clock sources, ADC,
timers, and serial interface disabled
3.0(1)
4
7.8
fFRCLK = fHCLK = fACLK = ROSC 01, PLL
disabled, CPU halt; other clock sources, ADC,
timers, and serial interface disabled
4.1(1)
5.3
9.5
fFRCLK = fHCLK = fACLK = ROSC 00, PLL
disabled, CPU halt; other clock sources, ADC,
timers, and serial interface disabled
7.4(1)
9
15
fFRCLK = fHCLK = fACLK = CLKREF, PLL disabled,
CPU halt; other clock sources, ADC, timers,
and serial interface disabled
1.5(1)
2.3
4.4
fFRCLK = fHCLK = fACLK = 10MHz XTAL, PLL
disabled, CPU halt; other clock sources, ADC,
timers, and serial interface disabled
3.6(1)
4.5
6.7
fFRCLK = 4MHz CLKREF, fHCLK = 50MHz, fACLK
= fOUTPLL = 100MHz, CPU halt; other clock
sources, ADC, timers, and serial interface
disabled
20.9(1)
23.3
26.5
IQ;VCCIO
VCCIO quiescent supply current
0.02
mA
(1) All minimum operating supply current values are for room temperature only
16.5. Typical Performance Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = 25°C unless otherwise specified.)
- 58 -
Rev 1.10‒March 3, 2018
0
20
40
60
80
100
25
20
15
10
5
0
I
VCC18 vs. PLL Frequency
PLL Frequency (MHz)
f
HCLK
= f
ACLK
= f
OUTPLL
f
HCLK
= 0.5•f
OUTPLL
,
f
ACLK
= f
OUTPLL


Similar Part No. - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Similar Description - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com