Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC5255 Datasheet(PDF) 69 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 69 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 65Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 66Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 67Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 68Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 69Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 70Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 71Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 72Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 73Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
PAC5255
Power Application Controller
19.2.4. Timer D
Timer D is a general purpose 16-bit timer with 2 PWM/capture and compare units. It has one pair of PWM signals going
into one dead-time controller. Timer D can be concatenated with timers A, B, and C to synchronize the PWM/capture and
compare units. It can use either ACLK or HCLK as clock input with an additional clock divider from /1 to /128.
19.2.5. Watchdog Timer
The 24-bit watchdog timer (WDT) can be used for long time period measurements or periodic wake up from sleep mode.
The watchdog timer can be used as a system watchdog, or as an interval timer, or both. The watchdog timer can use either
FRCLK or FCLK as clock input with an additional clock divider from /2 to /65536.
19.2.6. SOC Bus Watchdog Timer
The watchdog timer 2 is used to monitor internal SOC Bus communication. It will trigger device reset if there is no SOC
Bus communication to the AFE for 4s or 8s.
19.2.7. Wake-Up Timer
The wake-up timer can be used for very low power hibernate and sleep modes to wake up the micro controller periodically.
It can be configured to be 125ms, 250ms, 500ms, 1s, 2s, 4, or 8s.
19.2.8. Real-Time Clock
The 24-bit real-time clock (RTC) can be used for time measurements when an accurate clock source is used. This timer can
also be used for periodic wake up from sleep mode. The RTC uses FRCLK as clock input with an additional clock divider
from /2 to /65536.
- 69 -
Rev 1.10‒March 3, 2018


Similar Part No. - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Similar Description - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com