Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137CV Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62137CV
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62137CV Datasheet HTML 1Page - Cypress Semiconductor CY62137CV Datasheet HTML 2Page - Cypress Semiconductor CY62137CV Datasheet HTML 3Page - Cypress Semiconductor CY62137CV Datasheet HTML 4Page - Cypress Semiconductor CY62137CV Datasheet HTML 5Page - Cypress Semiconductor CY62137CV Datasheet HTML 6Page - Cypress Semiconductor CY62137CV Datasheet HTML 7Page - Cypress Semiconductor CY62137CV Datasheet HTML 8Page - Cypress Semiconductor CY62137CV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2M (128K x 16) Static RAM
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05201 Rev. *D
Revised September 20, 2002
Features
• Very high speed: 55 ns and 70 ns
• Voltage range:
— CY62137CV25: 2.2V–2.7V
— CY62137CV30: 2.7V–3.3V
— CY62137CV33: 3.0V–3.6V
— CY62137CV: 2.7V–3.6V
• Pin-compatible with the CY62137V
• Ultra-low active power
— Typical active current: 1.5 mA @ f = 1 MHz
— Typical active current: 5.5 mA @ f = fmax (70-ns
speed)
• Low and ultra-low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Packages offered in a 48-ball FBGA
Functional Description[1]
The CY62137CV25/30/33 and CY62137CV are high-perfor-
mance CMOS static RAMs organized as 128K words by 16
bits. These devices feature advanced circuit design to provide
ultra-low active current. This is ideal for providing More Battery
Life™ (MoBL®) in portable applications such as cellular tele-
phones. The devices also has an automatic power-down fea-
ture that significantly reduces power consumption by 80%
when addresses are not toggling. The device can also be put
into standby mode reducing power consumption by more than
99% when deselected (CE HIGH or both BLE and BHE are
HIGH). The input/output pins (I/O0 through I/O15) are placed
in a high-impedance state when: deselected (CE HIGH), out-
puts are disabled (OE HIGH), both Byte High Enable and Byte
Low Enable are disabled (BHE, BLE HIGH), or during a write
operation (CE LOW, and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
Note:
1.
For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
128K x 16
RAM Array
I/O0 – I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
2048 x 1024
DATA IN DRIVERS
OE
A4
A3
I/O8 – I/O15
CE
WE
BLE
BHE
A0
A1
A9
Power -down
Circuit
BHE
BLE
CE
A10
10


Similar Part No. - CY62137CV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV CYPRESS-CY62137CV Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18LL-55BAI CYPRESS-CY62137CV18LL-55BAI Datasheet
213Kb / 11P
   128K x 16 Static RAM
CY62137CV18LL-55BAI CYPRESS-CY62137CV18LL-55BAI Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results

Similar Description - CY62137CV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com