Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9425 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9425
Description  Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9425 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG9425 Datasheet HTML 1Page - Vishay Siliconix DG9425 Datasheet HTML 2Page - Vishay Siliconix DG9425 Datasheet HTML 3Page - Vishay Siliconix DG9425 Datasheet HTML 4Page - Vishay Siliconix DG9425 Datasheet HTML 5Page - Vishay Siliconix DG9425 Datasheet HTML 6Page - Vishay Siliconix DG9425 Datasheet HTML 7Page - Vishay Siliconix DG9425 Datasheet HTML 8Page - Vishay Siliconix DG9425 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG9424/9425/9426
Vishay Siliconix
www.vishay.com
6
Document Number: 71807
S-31267—Rev. C, 16-Jun-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
100
- 40
- 20
0
20
40
60
80
100
0
2
4
6
8
10
036
9
12
-60
-40
-20
0
20
40
60
-5
-3
-1
1
3
5
VCC = 2.7 V
rON vs. VCOM and Supply Voltage
rON vs. Analog Voltage and Temperature
Leakage Current vs. Analog Voltage
VCOM — Analog Voltage (V)
VCOM, VNO, VNC - Analog Voltage
Temperature (
_C)
Supply Current vs. Temperature
Switching Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
VCC = 4.5 V
VCC = 10.8 V
V+ = 5 V
VIN = 0 V
V+ = 5 V
V - = - 5 V
ICOM(on)
INO(off)/INC(off)
ICOM(off)
A
B
C
0
1
2
3
4
5
6
7
8
-5
-3
-1
1
3
5
V
" = "5 V
IS = 50 mA
T = 25
_C
IS = 50 mA
0
2
4
6
8
10
12
012345
A
B
C
A = 85
_C
B = 25
_C
C = - 40
_C
V+ = 2.7 V
V+ = 4.5 V
IS = 50 mA
VCOM — Analog Voltage (V)
rON vs. Analog Voltage and Temperature
VCOM — Analog Voltage (V)
V+ = 5 V
V - = - 5 V
100 m
10 m
1 m
100
m
10
m
1
m
100 n
10 n
1 n
10
100
1 K
10 K
100 K
1 M
10 M
A = 85
_C
B = 25
_C
C = - 40
_C
A
B
C
1


Similar Part No. - DG9425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9425 VISHAY-DG9425 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9425 VISHAY-DG9425 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9425 VISHAY-DG9425 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9425DQ VISHAY-DG9425DQ Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9425DQ VISHAY-DG9425DQ Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
More results

Similar Description - DG9425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com