Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9425DQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9425DQ
Description  Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9425DQ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9425DQ Datasheet HTML 1Page - Vishay Siliconix DG9425DQ Datasheet HTML 2Page - Vishay Siliconix DG9425DQ Datasheet HTML 3Page - Vishay Siliconix DG9425DQ Datasheet HTML 4Page - Vishay Siliconix DG9425DQ Datasheet HTML 5Page - Vishay Siliconix DG9425DQ Datasheet HTML 6Page - Vishay Siliconix DG9425DQ Datasheet HTML 7Page - Vishay Siliconix DG9425DQ Datasheet HTML 8Page - Vishay Siliconix DG9425DQ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG9424/9425/9426
Vishay Siliconix
www.vishay.com
4
Document Number: 71807
S-31267—Rev. C, 16-Jun-03
SPECIFICATIONSa (DUAL SUPPLY "5 V)
Limits
- 40 to 85
_C
Test Conditions Unless Specified
V+ = 5 V, V - = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Parameter
Unit
Maxd
Typc
Mind
Tempb
Test Conditions Unless Specified
V+ = 5 V, V - = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Symbol
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 W, CL = 35 pF
Room
Full
56
74
81
Turn-Off Timee
tOFF
RL = 300 W, CL = 35 pF
VNO, VNC = "3.5 V See Figure 2
Room
Full
42
64
67
ns
Break-Before-Make Time Delaye
tD
DG9426 Only, VNO, VNC = 3.5 V
RL = 300 W, CL = 35 pF
Room
2
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 W, CL = 1 nF
Room
112
pC
Off Isolatione
OIRR
RL = 50 W, CL = 5 pF,
Room
-56
dB
Channel-to-Channel Crosstalke
XTALK
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
-82
dB
Source Off Capacitancee
CNO(off)
CNC(off)
f
1 MH
Room
38
F
Drain Off Capacitancee
CCOM(off)
f = 1 MHz
Room
38
pF
Channel On Capacitancee
CCOM(on)
Room
89
Power Supplies
Positive Supply Currente
I+
Room
Full
0.03
1
5
Negative Supply Currente
I-
VIN = 0 or VL
Room
Full
-1
-5
- 0.002
mA
Logic Supply Currente
IL
VIN = 0 or VL
Room
Full
0.002
1
5
mA
Ground Currente
IGND
Room
Full
-1
-5
- 0.002
SPECIFICATIONSa (SINGLE SUPPLY 5 V)
Test Conditions Unless Specified
V+ = 5 V V - = 0 V
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V, V - = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
V
On-Resistancee
rON
V+ = 4.5 V, INO, INC = 50 mA
VCOM = 1 V, 3.5 V
Room
Full
3.4
4.8
5.8
W
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 W, CL = 35 pF
Room
Hot
71
86
106
Turn-Off Timee
tOFF
RL = 300 W, CL = 35 pF
VNO, VNC = 3.5 V, See Figure 2
Room
Hot
37
51
56
ns
Break-Before-Make
Time Delaye
tD
DG9426 Only, VNO, VNC = 3.5 V,
RL = 300 W, CL = 35 pF
Room
5
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 W, CL = 1 nF
Room
10
pC
Power Supplies
Positive Supply Currente
I+
Room
Hot
0.02
1
5
Negative Supply Currente
I-
VIN = 0 or VL
Room
Hot
-1
-5
- 0.002
mA
Logic Supply Currente
IL
VIN = 0 or VL
Room
Hot
0.002
1
5
mA
Ground Currente
IGND
Room
Hot
-1
-5
- 0.002


Similar Part No. - DG9425DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9425DQ VISHAY-DG9425DQ Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9425DQ VISHAY-DG9425DQ Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9425DQ-T1-E3 VISHAY-DG9425DQ-T1-E3 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
More results

Similar Description - DG9425DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com