Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMTA55R Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTA55R
Description  SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTA55R Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTA55R Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – JANUARY 1996
7
FEATURES
* Gain of 50 at IC=100mA
PARTMARKING DETAIL -
FMMTA55 - 2H
FMMTA56 - 2G
FMMTA55R - NB
FMMTA56R - MB
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMTA55 FMMTA56
UNIT
Collector-Base Voltage
VCBO
-60
-80
V
Collector-Emitter Voltage
VCEO
-60
-80
V
Emitter-Base Voltage
VEBO
-4
V
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
FMMTA55
FMMTA56
PARAMETER
SYMBOL MIN.
MAX. MIN.
MAX. UNIT CONDITIONS.
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-60
-80
V
IC=-1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-4
-4
V
IE=-100µA, IC=0
Collector-Emitter
Cut-Off Current
ICES
-0.1
-0.1
µ
A
VCE=-60V
Collector-Base
Cut-Off Current
ICBO
-0.1
-0.1
µ
A
VCB=-80V, IE=0
VCB=-60V, IE=0
Static Forward
Current Transfer Ratio
hFE
50
50
50
50
IC=-10mA, VCE=1V*
IC=-100mA, VCE=1V*
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.25
-0.25 V
IC=-100mA,
IB=-10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-1.2
-1.2
V
IC=-100mA, VCE=-1V*
Transition
Frequency
fT
100
100
MHz
IC=-10mA, VCE=-2V
f=100MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
FMMTA55
FMMTA56
3 - 177
C
B
E
SOT23


Similar Part No. - FMMTA55R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA56 ZETEX-FMMTA56 Datasheet
37Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - FMMTA55R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCW68HTA DIODES-BCW68HTA Datasheet
306Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com