Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1117D Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR1117D
Description  1A Bipolar Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117D Datasheet(HTML) 6 Page - Leshan Radio Company

  LR1117D Datasheet HTML 1Page - Leshan Radio Company LR1117D Datasheet HTML 2Page - Leshan Radio Company LR1117D Datasheet HTML 3Page - Leshan Radio Company LR1117D Datasheet HTML 4Page - Leshan Radio Company LR1117D Datasheet HTML 5Page - Leshan Radio Company LR1117D Datasheet HTML 6Page - Leshan Radio Company LR1117D Datasheet HTML 7Page - Leshan Radio Company LR1117D Datasheet HTML 8Page - Leshan Radio Company LR1117D Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1) To meet the minimum load current (>10mA) requirement, R1 is recommended to be 125ohm or lower. As LR1117 -ADJ
can keep itself stable at load current about 2mA, R1 is not allowed to be higher than 625ohm.
2)
Using a bypass capacitor (CADJ) between the ADJ pin and ground can improve ripple rejection. This bypass capacitor
prevents ripple from being amplified as the output voltage is increased. The impedance of CADJ should be less than R1
to prevent ripple from being amplified. As R1 is normally in the range of 100 ~500 , the value of CADJ should satisfy
this equation: 1/(2
fripple CADJ)<R1.
THERMAL CONSIDERATIONS
We have to take heat dissipation into great consideration when output current or differential voltage of input and
output voltage is large. Because in such cases, the power dissipation consumed by LR1117D is very large. LR1117D
series uses SOT-223 package type and its thermal resistance is about 20°C/W. And the copper area of application
board can affect the total thermal resistance. If copper area is 5cm*5cm (two sides), the resistance is about 30°C/W.
So the total thermal resistance is about 20°C/W + 30°C/W. We can decrease total thermal resistance by increasing
copper area in application board. When there is no good heat dissipation copper are in PCB, the total thermal
resistance will be as high as 120°C/W, then the power dissipation of LR1117D could allow on itself is less than 1W.
And furthermore, LR1117D will work at junction temperature higher than 125°C under such condition and no lifetime
is guaranteed.
TYPICAL PERFORMANCE CHARACTERISTICS
T=25°C unless specified.
Line Regulation
Load Regulation
0
0.3
0.6
0.9
1.2
1.5
02468
10
12
14
Vin (V)
L 1117 -ADJ Vout Vs. Vin
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
1.2
Iout (A)
L 1117 -ADJ Vout Vs. Iout
Dropout Voltage
Thermal performance with OTP
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
1.2
Iout (A)
L 1117 -ADJ Dropout Vs. Iout
0
0.3
0.6
0.9
1.2
1.5
-50
0
50
100
150
200
Temperature ( C)
L 1117 -ADJ Vout Vs. Temp
6/
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR1117D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117 LRC-LR1117 Datasheet
121Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD18X LRC-LR1117AD18X Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD25X LRC-LR1117AD25X Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD285 LRC-LR1117AD285 Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com