Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2233 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2233 Datasheet HTML 1Page - Monolithic Power Systems MP2233 Datasheet HTML 2Page - Monolithic Power Systems MP2233 Datasheet HTML 3Page - Monolithic Power Systems MP2233 Datasheet HTML 4Page - Monolithic Power Systems MP2233 Datasheet HTML 5Page - Monolithic Power Systems MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
3
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
1
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
0.8
1
mA
HS-Switch ON Resistance
HSRDS-ON VBST-SW=5V
80
mΩ
LS-Switch ON Resistance
LSRDS-ON VCC=5V
30
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V
1
μA
Current Limit
(6)
ILIMIT
Under 40% Duty Cycle
4
4.6
A
Oscillator Frequency
fSW
1100
1400
1700
kHz
Fold-back Frequency
fFB
VFB= 0V
0.15
fSW
Maximum Duty Cycle
(6)
DMAX
VFB=700mV
89
%
Minimum ON Time
(6)
τON_MIN
40
ns
Sync Frequency Range
fSYNC
0.3
3
MHz
TA=25°C
784
800
816
Feedback Voltage
VFB
-40°C<TA<85°C
(7)
780
800
820
mV
Feedback Current
IFB
VFB=820mV
10
50
nA
EN Rising Threshold
VEN_RISING
1.2
1.4
1.6
V
EN Falling Threshold
VEN_FALLING
1.1
1.25
1.4
V
VEN=2V
2
μA
EN Input Current
IEN
VEN=0
0
μA
EN Turn Off Delay
ENTd-off
5
μs
VIN Under-Voltage Lockout
Threshold-Rising
INUVVth
3.7
3.9
4.1
V
VIN Under-Voltage Lockout
Threshold-Hysteresis
INUVHYS
650
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
3
%
Soft-Start Current
ISS
10
14
18
μA
Thermal Shutdown
(6)
150
°C
Thermal Hysteresis
(6)
20
°C
Notes:
6) Guaranteed by design.
7) Not tested in production and guaranteed by over-temperature correlation.


Similar Part No. - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
   High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results

Similar Description - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
   High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com