Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3716 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH3716
Description  Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3716 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH3716 Datasheet HTML 3Page - OSRAM GmbH SFH3716 Datasheet HTML 4Page - OSRAM GmbH SFH3716 Datasheet HTML 5Page - OSRAM GmbH SFH3716 Datasheet HTML 6Page - OSRAM GmbH SFH3716 Datasheet HTML 7Page - OSRAM GmbH SFH3716 Datasheet HTML 8Page - OSRAM GmbH SFH3716 Datasheet HTML 9Page - OSRAM GmbH SFH3716 Datasheet HTML 10Page - OSRAM GmbH SFH3716 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Version 1.3
SFH 3716
2016-02-29
7
Taping
Dimensions in mm (inch).
Tape and Reel
8 mm tape with 3000 pcs. on ∅ 180 mm reel
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D


Similar Part No. - SFH3716

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH3716 AMSCO-SFH3716 Datasheet
861Kb / 16P
   Chip LED Silicon NPN Phototransistor with Vλ Characteristics
Version 1.6 2021-10-01
More results

Similar Description - SFH3716

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com