Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZFSW2-33HDR-75 Datasheet(PDF) 3 Page - Mini-Circuits

Part # ZFSW2-33HDR-75
Description  SPDT RF Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSW2-33HDR-75 Datasheet(HTML) 3 Page - Mini-Circuits

  ZFSW2-33HDR-75 Datasheet HTML 1Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 2Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 3Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 4Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZFSW2-33HDR-75+
SPDT RF Switch
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 5
RF Electrical Specifications, 5 - 3000 MHz, T
AMB=25°C, VDD= +2.3 to 4.8V
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
5
3000
MHz
Insertion Loss
(ON STATE)
5 to 1000
0.5
0.65
dB
1000 to 1500
0.6
0.85
1500 to 2000
0.85
1.15
2000 to 3000
0.95
1.30
Input IP3 (V
DD=3V)
150
+70
dBm
1800
+70
0.1dB Input Compression(1)
20 to 3000
35.0
dBm
Isolation between RF Common and RF1/RF2 Ports
5 to 1000
39
42
dB
1000 to 1500
35
38
1500 to 2000
32
35
2000 to 3000
27
30
Isolation between RF1 and RF2 ports(2)
5 to 1000
40
45
dB
1000 to 1500
35
41
1500 to 2000
32
37
2000 to 3000
28
32
Return Loss (ON STATE), all ports
5 to 1000
21
dB
1000 to 1500
17
1500 to 2000
15
2000 to 3000
16
DC Operating Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
VDD, Supply Voltage
2.3
4.8
V
Supply Current
37
µA
Control Enable Voltage Low
0
0.4
V
Control Enable Voltage High(3)
1.65
2.7
V
Control Current
1
µA
Shutdown mode - Supply Current
7
µA
Switching Specifications
Parameter
Min.
Typ.
Max.
Units
Rise/Fall Time (10 to 90% or 90 to 10% RF)
0.5 (Rise Time)
0.7 (Fall Time)
µSec
Switching Time, 50% CTRL to 90/10% RF
1.9 (ON Time)
1.1 (OFF Time)
µSec
Video Feedthrough, (control 0 to 1.65V, freq.=10 KHz)
3.0
mV
P-P
Notes:
1. Do not exceed RF input power as shown in Absolute Maximum Rating table.
2. Enable voltage “HI”, either RF1 or RF2 are ON.
3. If VDD < 2.7, then Max Control Voltage High=VDD


Similar Part No. - ZFSW2-33HDR-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSW-2-46 MINI-ZFSW-2-46 Datasheet
72Kb / 2P
   SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
ZFSWA-2-46 MINI-ZFSWA-2-46 Datasheet
72Kb / 2P
   SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
ZFSWA2-63DR++ MINI-ZFSWA2-63DR+ Datasheet
198Kb / 1P
   Absorptive SPDT Solid State RF Switch
ZFSWA2R-63DR MINI-ZFSWA2R-63DR Datasheet
310Kb / 5P
   SPDT RF Switch
ZFSWA2R-63DR++ MINI-ZFSWA2R-63DR+ Datasheet
310Kb / 5P
   SPDT RF Switch
More results

Similar Description - ZFSW2-33HDR-75

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com