Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27UAXXX Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY27UAXXX
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UAXXX Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY27UAXXX Datasheet HTML 1Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 2Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 3Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 4Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 5Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 6Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 7Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 8Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Rev 0.5 / Oct. 2004
3
HY27UA(08/16)1G1M Series
HY27SA(08/16)1G1M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
DESCRIPTION
The HYNIX HY27(U/S)A(08/16)1G1M series is a family of non-volatile Flash memories that use NAND cell technology.
The devices operate 3.3V and 1.8V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264
Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width.
The address lines are multiplexed with the Data Input/ Output signals on a multiplexed x8 or x16 Input/ Output bus.
This interface reduces the pin count and makes it possible to migrate to other densities without changing the footprint.
Each block can be programmed and erased over 100,000 cycles. To extend the lifetime of NAND Flash devices it is
strongly recommended to implement an Error Correction Code (ECC). A Write Protect pin is available to give a hard-
ware protection against program and erase operations.
The devices feature an open-drain Ready/Busy output that can be used to identify if the Program/ Erase/Read (PER)
Controller is currently active. The use of an open-drain output allows the Ready/ Busy pins from several memories to
be connected to a single pull-up resistor.
A Copy Back command is available to optimize the management of defective blocks. When a Page Program operation
fails, the data can be programmed in another page without having to resend the data to be programmed.
The devices are available in the following packages:
- 48-TSOP1 (12 x 20 x 1.2 mm)
- 48-WSOP1 (12 x 17 x 0.7 mm)
- 63-FBGA (8.5 x 15 x 1.2 mm, 6 x 8 ball array, 0.8mm pitch)
Three options are available for the NAND Flash family:
- Automatic Page 0 Read after Power-up, which allows the microcontroller to directly download the boot code from
page 0.
- Chip Enable Dont Care, which allows code to be directly downloaded by a microcontroller, as Chip Enable transitions
during the latency time do not stop the read operation.
- A Serial Number, which allows each device to be uniquely identified. The Serial Number options is subject to an NDA
(Non Disclosure Agreement) and so not described in the datasheet. For more details of this option contact your near-
est HYNIX Sales office.
Devices are shipped from the factory with Block 0 always valid and the memory content bits, in valid blocks, erased to
'1'.


Similar Part No. - HY27UAXXX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2M HYNIX-HY27UF081G2M Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
logo
STMicroelectronics
HY27UF081G2M STMICROELECTRONICS-HY27UF081G2M Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Hynix Semiconductor
HY27UF081G2M-F HYNIX-HY27UF081G2M-F Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27UF081G2M-T HYNIX-HY27UF081G2M-T Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
More results

Similar Description - HY27UAXXX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF081G2M HYNIX-HY27UF081G2M Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com