Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F800B55SI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN29F800B55SI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800B55SI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN29F800B55SI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800B55SI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
1
EN29F800
Rev. E, Issue Date: 2001/07/05
FEATURES
• 5.0V ± 10%, single power supply operation
- Minimizes system level power requirements
• Manufactured on 0.32 µm process technology
• High performance
- Access times as fast as 45 ns
• Low power consumption
- 25 mA typical active read current
- 30 mA typical program/erase current
- 1 µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
fifteen 64 Kbyte sectors (byte mode)
- One 8 Kword, two 4 Kword, one 16 Kword
and fifteen 32 Kword sectors (word mode)
- Supports full chip erase
- Individual sector erase supported
- Sector protection:
Hardware locking of sectors to prevent
program or erase operations within individual
sectors
Additionally, temporary Sector Group
Unprotect allows code changes in previously
locked sectors.
• High performance program/erase speed
- Byte program time: 10µs typical
- Sector erase time: 500ms typical
- Chip erase time: 3.5s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 30mA active read current
- 30mA program/erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another Sector during
Erase Suspend Mode
• 0.32 µm double-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
>100K program/erase endurance cycle
• 48-pin TSOP (Type 1)
• Commercial Temperature Range
GENERAL DESCRIPTION
The EN29F800 is a 8-Megabit, electrically erasable, read/write non-volatile flash memory, organized
as 1,048,576 bytes or 524,288 words.
Any byte can be programmed typically in 10µs.
The
EN29F800 features 5.0V voltage read and write operation, with access times as fast as 45ns to
eliminate the need for WAIT states in high-performance microprocessor systems.
The EN29F800 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable (WE)
controls, which eliminate bus contention issues. This device is designed to allow either single (or
multiple) Sector or full chip erase operation, where each Sector can be individually protected against
program/erase operations or temporarily unprotected to erase or program. The device can sustain a
minimum of 100K program/erase cycles on each Sector.
EN29F800
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 5.0 Volt-only


Similar Part No. - EN29F800B55SI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F800B55SI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com