Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE392 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE392
Description  Silicon Complementary Transistors General Purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE392 Datasheet(HTML) 1 Page - NTE Electronics

  NTE392 Datasheet HTML 1Page - NTE Electronics NTE392 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE392 (NPN) & NTE393 (PNP)
Silicon Complementary Transistors
General Purpose
Description:
The NTE392 (NPN) and NTE393 (PNP) are silicon compelementary transistors in a TO218 type package
designed for general purpose power amplifier and switching applications.
Features:
D 25A Collector Current
D Low Leakage Current: ICEO = 1mA @ VCE = 60V
D Excellent DC Gain: hFE = 40 Typ @ 15A
D High Current Gain Bandwidth Product: hfe = 3 Min @ IC = 1A, f = 1MHz
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCB
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEB
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
25A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak (Note 1)
40A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Base Current, IB
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
125W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
1W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Unclamped Inductive Load, ESB
90mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.0
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
35.7
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Pulse Test: Pulse Width = 10ms, Duty Cycle
≤ 10%.


Similar Part No. - NTE392

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE39 NTE-NTE39 Datasheet
19Kb / 2P
   Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator (Compl to NTE157)
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE391 NTE-NTE391 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE394 NTE-NTE394 Datasheet
19Kb / 2P
   Silicon NPN Transistor Power Amp, High Voltage Switch
NTE395 NTE-NTE395 Datasheet
19Kb / 2P
   Silicon PNP Transistor Wide Band Linear Amplifier
More results

Similar Description - NTE392

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
   Silicon Complementary Transistors General Purpose
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Switch
NTE129P NTE-NTE129P Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
logo
New Jersey Semi-Conduct...
2N5447 NJSEMI-2N5447 Datasheet
130Kb / 1P
   COMPLEMENTARY SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NTE Electronics
NTE128P NTE-NTE128P Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE2648 NTE-NTE2648 Datasheet
60Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
   Silicon Complementary Transistors High Current, General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com