Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V658S10DRI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V658S10DRI
Description  HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V658S10DRI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V658S10DRI Datasheet HTML 1Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 2Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 3Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 4Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 5Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 6Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 7Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 8Page - Integrated Device Technology IDT70V658S10DRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IDT70V658S
Preliminary
High-Speed 3.3V 64K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V658 is a high-speed 64K x 36 Asynchronous Dual-Port
Static RAM. The IDT70V658 is designed to be used as a stand-alone
2304K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-
Port RAM for 72-bit-or-more word system. Using the IDT MASTER/
SLAVE Dual-Port RAM approach in 72-bit or wider memory system
applicationsresultsinfull-speed,error-freeoperationwithouttheneedfor
additionaldiscretelogic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (either
CE0 or CE1) permit
the on-chip circuitry of each port to enter a very low standby power mode.
The 70V658 can support an operating voltage of either 3.3V or 2.5V
on one or both ports, controlled by the OPT pins. The power supply for
the core of the device (VDD) remains at 3.3V.
Pin Configurations(1,2,3,4)
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is
set to VIL (0V)
3. All VSS pins must be connected to ground.
4. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O19L
I/O18L
VSS
A4L
INTL
SEML
BE1L
A8L
A12L
NC
VSS
I/O17L
OPTL
A0L
I/O20R
VSS
I/O18R
NC
A1L
A5L
BUSYL
VSS
CE0L
CE1L
BE2L
A9L
A13L
NC
I/O16L
VDDQR
VSS
VDDQL
I/O19R
VDDQR
VDD
A2L
A6L
R/WL
VSS
BE3L
A10L
A14L
NC
I/O15L
I/O16R
VDD
I/O22L
VSS
I/O21L
I/O20L
VDD
A3L
NC
OEL
I/O23L
I/O22R
VDDQR
I/O21R
VDDQL
I/O23R
I/O24L
VSS
I/O26L
VSS
I/O25L
I/O24R
VDD
I/O26R
VDDQR
I/O25R
VDDQL
VDD
VSS
VSS
I/O29R
I/O28L
VDDQR
VDDQL
I/O29L
I/O30R
VSS
I/O14R
VDDQL
I/O14L
A15L
A11L
A7L
BE0L
I/O12L
I/O13R
VSS
I/O13L
VSS
I/O12R
I/O11L
I/O9L
VDDQL
I/O10L
I/O11R
VDD
I/O9R
VSS
I/O10R
VSS
VDDQR
I/O7R
VDDQL
I/O8R
VSS
I/O8L
VSS
I/O7L
I/O6R
A0R
A1R
A2R
A3R
A4R
A5R
A6R
I/O3R
I/O31L
VSS
I/O31R
I/O30L
NC
A12R
A8R
BE1R
VDD
SEMR
INTR
VDDQR
I/O2L
I/O3L
VSS
I/O4L
VSS
I/O33L
I/O34R
NC
A13R
A9R
BE2R
CE0R
CE1R
VDD
VSS
BUSYR
VSS
VDD
VSS
VDDQL
I/O1R
VDDQR
I/O33R
I/O34L
VDDQL
NC
NC
A14R
A10R
BE3R
VSS
I/O4R
I/O6L
VSS
I/O5R
I/O2R
VSS
I/O35L
VDD
A15R
A11R
A7R
BE0R
OER
M/S
R/WR
VDDQL
I/O5L
OPTR
I/O0L
I/O1L
70V658BF
BF-208(5)
208-Ball fpBGA
Top View(6)
5613 tbl 02b
I/O27L
I/O28R
VSS
I/O27R
VSS
I/O32R
I/O32L
VDDQR I/O35R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VSS
I/O0R
I/O17R
VDDQR
VSS
VDD
VSS
I/O15R
VDD
VDD
TDO
TDI
TCK
TMS
TRST


Similar Part No. - IDT70V658S10DRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V658S10DRI IDT-IDT70V658S10DRI Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V658S10DRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V659 IDT-IDT70V659_18 Datasheet
234Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com