Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S560432D-TC1L Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4S560432D-TC1L
Description  16M x 4bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432D-TC1L Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S560432D-TC1L Datasheet HTML 1Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 2Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 3Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 4Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 5Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 6Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 7Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 8Page - Samsung semiconductor K4S560432D-TC1L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
K4S560432D
CMOS SDRAM
Rev. 0.0 Jan. 2002
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
1. -75/7C only specify a maximum value of 3.5pF
2. -75/7C only specify a maximum value of 3.8pF
3. -75/7C only specify a maximum value of 6.0pF
Notes :
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
2.5
4.0
pF
1
RAS, CAS, WE, CS, CKE, DQM
CIN
2.5
5.0
pF
2
Address
CADD
2.5
5.0
pF
2
DQ0 ~ DQ15
COUT
4.0
6.5
pF
3


Similar Part No. - K4S560432D-TC1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1H SAMSUNG-K4S560432A-TC/L1H Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1L SAMSUNG-K4S560432A-TC/L1L Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L75 SAMSUNG-K4S560432A-TC/L75 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L80 SAMSUNG-K4S560432A-TC/L80 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S560432D-TC1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S640432F SAMSUNG-K4S640432F Datasheet
140Kb / 11P
   4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S510832M SAMSUNG-K4S510832M Datasheet
112Kb / 11P
   16M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432D SAMSUNG-K4S280432D Datasheet
113Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030B SAMSUNG-KM44S32030B Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432C SAMSUNG-K4S280432C Datasheet
112Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com