Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M485L1624FT0-CB3 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M485L1624FT0-CB3
Description  DDR SDRAM SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M485L1624FT0-CB3 Datasheet(HTML) 4 Page - Samsung semiconductor

  M485L1624FT0-CB3 Datasheet HTML 1Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 2Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 3Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 4Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 5Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 6Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 7Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 8Page - Samsung semiconductor M485L1624FT0-CB3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DDR SDRAM
128MB, 256MB SODIMM
Rev. 1.2 March 2004
KEY
KEY
Pin Configurations (Front side/back side)
Note 1. * : These pins are not used in this module.
2. Pins 71, 72, 73, 74, 77, 78, 79, 80, 83, 84 are not used on x64 module, & used on x72 module.
Pin 95,122 are NC for 1Row module (M470L1624FT0, M485L1624FT0) & used for 2Row module (M470L3224FT0).
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59
61
63
65
VREF
VSS
DQ0
DQ1
VDD
DQS0
DQ2
VSS
DQ3
DQ8
VDD
DQ9
DQS1
VSS
DQ10
DQ11
VDD
CK0
/CK0
VSS
DQ16
DQ17
VDD
DQS2
DQ18
VSS
DQ19
DQ24
VDD
DQ25
DQS3
VSS
DQ26
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
101
103
105
107
109
111
113
115
117
119
121
123
125
127
129
131
133
DQ27
VDD
CB0
CB1
VSS
DQS8
CB2
VDD
CB3
DU
VSS
CK2
/CK2
VDD
CKE1
DU
A12
A9
VSS
A7
A5
A3
A1
VDD
A10/AP
BA0
/WE
/CS0
*DU(A13)
VSS
DQ32
DQ33
VDD
DQS4
135
137
139
141
143
145
147
149
151
153
155
157
159
161
163
165
167
169
171
173
175
177
179
181
183
185
187
189
191
193
195
197
199
DQ34
VSS
DQ35
DQ40
VDD
DQ41
DQS5
VSS
DQ42
DQ43
VDD
VDD
VSS
VSS
DQ48
DQ49
VDD
DQS6
DQ50
VSS
DQ51
DQ56
VDD
DQ57
DQS7
VSS
DQ58
DQ59
VDD
SDA
SCL
VDDSPD
VDDID
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
66
VREF
VSS
DQ4
DQ5
VDD
DM0
DQ6
VSS
DQ7
DQ12
VDD
DQ13
DM1
VSS
DQ14
DQ15
VDD
VDD
VSS
VSS
DQ20
DQ21
VDD
DM2
DQ22
VSS
DQ23
DQ28
VDD
DQ29
DM3
VSS
DQ30
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
112
114
116
118
120
122
124
126
128
130
132
134
DQ31
VDD
CB4
CB5
VSS
DM8
CB6
VDD
CB7
*DU/(RESET)
VSS
VSS
VDD
VDD
CKE0
DU(BA2)
A11
A8
VSS
A6
A4
A2
A0
VDD
BA1
/RAS
/CAS
/CS1
DU
VSS
DQ36
DQ37
VDD
DM4
136
138
140
142
144
146
148
150
152
154
156
158
160
162
164
166
168
170
172
174
176
178
180
182
184
186
188
190
192
194
196
198
200
DQ38
VSS
DQ39
DQ44
VDD
DQ45
DM5
VSS
DQ46
DQ47
VDD
/CK1
CK1
VSS
DQ52
DQ53
VDD
DM6
DQ54
VSS
DQ55
DQ60
VDD
DQ61
DM7
VSS
DQ62
DQ63
VDD
SA0
SA1
SA2
DU
Pin Description
Pin Name
Function
Pin Name
Function
A0 ~ A12
Address input (Multiplexed)
DM0 ~ DM7, DM8(for ECC) Data - in mask
BA0 ~ BA1
Bank Select Address
VDD
Power supply (2.5V)
DQ0 ~ DQ63
Data input/output
VDDQ
Power Supply for DQS(2.5V)
DQS0 ~ DQS8
Data Strobe input/output
VSS
Ground
CK0,CK0 ~ CK2, CK2
Clock input
VREF
Power supply for reference
CKE0~CKE1
Clock enable input
VDDSPD
Serial EEPROM Power
CS0~CS1
Chip select input
SDA
Serial data I/O
RAS
Row address strobe
SCL
Serial clock
CAS
Column address strobe
SA0 ~ 2
Address in EEPROM
WE
Write enable
NC
No connection
CB0 ~ CB7
Check bit(Data-in/data-out)


Similar Part No. - M485L1624FT0-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M485L1624FU0-CA2 SAMSUNG-M485L1624FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M485L1624FU0-CB0 SAMSUNG-M485L1624FU0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M485L1624FU0-CB3 SAMSUNG-M485L1624FU0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M485L1624FT0-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
   DDR SDRAM SODIMM
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
   256MB DDR ??SDRAM SoDIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com