Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L3224FT0-CA2 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M470L3224FT0-CA2
Description  DDR SDRAM SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3224FT0-CA2 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M470L3224FT0-CA2 Datasheet HTML 5Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 6Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 7Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 8Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 9Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 10Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 11Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 12Page - Samsung semiconductor M470L3224FT0-CA2 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DDR SDRAM
128MB, 256MB SODIMM
Rev. 1.2 March 2004
M470L1624FT0 (16M x 64, 128MB Module)
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Unit
Notes
IDD0
360
320
320
mA
IDD1
500
460
460
mA
IDD2P
12
12
12
mA
IDD2F
100
80
80
mA
IDD2Q
80
72
72
mA
IDD3P
140
120
120
mA
IDD3N
220
180
180
mA
IDD4R
800
680
680
mA
IDD4W
760
620
620
mA
IDD5
720
660
660
mA
IDD6
Normal
12
12
12
mA
Low power
6
6
6
mA
Optional
IDD7A
1,400
1,200
1,200
mA
M470L3224FT0 (32M x 64, 256MB Module)
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Unit
Notes
IDD0
580
500
500
mA
IDD1
720
640
640
mA
IDD2P
24
24
24
mA
IDD2F
200
160
160
mA
IDD2Q
160
144
144
mA
IDD3P
280
240
240
mA
IDD3N
440
360
360
mA
IDD4R
1,020
860
860
mA
IDD4W
980
800
800
mA
IDD5
940
840
840
mA
IDD6
Normal
24
24
24
mA
Low power
12
12
12
mA
Optional
IDD7A
1,620
1,380
1,380
mA


Similar Part No. - M470L3224FT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CA2 SAMSUNG-M470L3224FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CB0 SAMSUNG-M470L3224FU0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CB3 SAMSUNG-M470L3224FU0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L3224FT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
   DDR SDRAM SODIMM
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
   256MB DDR ??SDRAM SoDIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com