Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L3224FT0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M470L3224FT0
Description  DDR SDRAM SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3224FT0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M470L3224FT0 Datasheet HTML 2Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 3Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 4Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 5Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 6Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 7Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 8Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 9Page - Samsung semiconductor M470L3224FT0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DDR SDRAM
128MB, 256MB SODIMM
Rev. 1.2 March 2004
256MB, 32M x 64 Non ECC Module (M470L3224FT0) (Populated as 2 bank of x16 DDR SDRAM Module)
CS1
CS0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
LDQS
CS
CS
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D7
VDD/VDDQ
D0 - D7
D0 - D7
VREF
VDDSPD
SPD
Clock Wiring
Clock
Input
SDRAMs
CK0/CK0
CK1/CK1
CK2/CK2
4 SDRAMs
4 SDRAMs
NC
LDM
LDQS
LDM
DQS0
DM0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D4
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
UDQS
UDM
UDQS
UDM
DQS1
DM1
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
LDQS
CS
CS
LDM
LDQS
LDM
DQS4
DM4
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D6
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
UDQS
UDM
UDQS
UDM
DQS5
DM5
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
LDQS
CS
CS
LDM
LDQS
LDM
DQS2
DM2
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D5
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
UDQS
UDM
UDQS
UDM
DQS3
DM3
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
LDQS
CS
CS
LDM
LDQS
LDM
DQS6
DM6
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
D7
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
UDQS
UDM
UDQS
UDM
DQS7
DM7
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
A0 - A12
A0-A12: DDR SDRAMs D0 - D7
BA0 - BA1
BA0-BA1: DDR SDRAMs D0 - D7
RAS
RAS: SDRAMs D0 - D7
CAS
CAS: SDRAMs D0 - D7
CKE0
CKE: SDRAMs D0 - D3
WE
WE: SDRAMs D0 - D7
CKE1
CKE: SDRAMs D4 - D7
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must
be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
Functional Block Diagram
*Clock Net Wiring
Card
Edge
D0/D2/Cap
D1/D3/Cap
D4/D6/Cap
D5/D7/Cap
R=120
CK0/1/2
CK0/1/2


Similar Part No. - M470L3224FT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CA2 SAMSUNG-M470L3224FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CB0 SAMSUNG-M470L3224FU0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FU0-CB3 SAMSUNG-M470L3224FU0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L3224FT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
   DDR SDRAM SODIMM
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
   256MB DDR ??SDRAM SoDIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com