Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP210SFAR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP210SFAR2
Description  2.5V1:5 Dual Differential LVDS Compatible Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP210SFAR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP210SFAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP210SFAR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100EP210S
http://onsemi.com
2
CLKn, CLKn
LVDS, LVPECL CLK Inputs
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
Qb4
Qb4
Qb3
Qb3
Qb2
Qb2
VCC
VCC
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
VCC
VEE
VTB
VEE
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3 Qa3
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
Qa4
Qa4
CLKa
CLKa
VTA
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
Qb4
Qb4
CLKb
CLKb
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
PIN DESCRIPTION
PIN
Qn0:4, Qn0:4
LVDS Outputs
FUNCTION
VCC
Positive Supply
VEE
Ground
Figure 1. 32–Lead LQFP Pinout (Top View)
Figure 2. Logic Diagram
VTA
VTB
VTA
50
W
50
W
VTB
50
W
50
W
50
Ω Termination Resistors
50
Ω Termination Resistors
MC100EP210S
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 2
Flammability Rating
Oxygen Index
UL–94 code V–0 A 1/8
28 to 34
Transistor Count
461 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.


Similar Part No. - MC100EP210SFAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210SFAR2 ONSEMI-MC100EP210SFAR2 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210SFAR2G ONSEMI-MC100EP210SFAR2G Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
More results

Similar Description - MC100EP210SFAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
[Old version datasheet]   Automotive LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com