Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9722BEUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9722BEUE
Description  5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9722BEUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9722BEUE Datasheet HTML 7Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 8Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 9Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 10Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 11Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 12Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 13Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 14Page - Maxim Integrated Products MAX9722BEUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Shutdown
The MAX9722A/MAX9722B feature shutdown control
allowing audio signals to be shut down or muted.
Driving SHDN low disables the amplifiers and the
charge pump, sets the amplifier output impedance to
10k
Ω, and reduces the supply current. In shutdown
mode, the supply current is reduced to 0.1µA. The
charge pump is enabled once SHDN is driven high.
Applications Information
Power Dissipation
Under normal operating conditions, linear power ampli-
fiers can dissipate a significant amount of power. The
maximum power dissipation for each package is given
in the Absolute Maximum Ratings section under
Continuous Power Dissipation or can be calculated by
the following equation:
where TJ(MAX) is +145°C, TA is the ambient tempera-
ture, and
θJA is the reciprocal of the derating factor in
°C/W as specified in the Absolute Maximum Ratings
section. For example,
θJA of the thin QFN package is
+63.8°C/W, and 99.3
°C/W for the TSSOP package.
The MAX9722A/MAX9722B have two power dissipation
sources: the charge pump and two amplifiers. If power
dissipation for a given application exceeds the maxi-
mum allowed for a particular package, either reduce
SVDD, increase load impedance, decrease the ambient
temperature, or add heatsinking to the device. Large
output, supply, and ground traces improve the maxi-
mum power dissipation in the package.
Thermal-overload protection limits total power dissipa-
tion in the MAX9722A/MAX9722B. When the junction
temperature exceeds +145°C, the thermal-protection
circuitry disables the amplifier output stage. The ampli-
fiers are enabled once the junction temperature cools
by 5°C. This results in a pulsing output under continu-
ous thermal-overload conditions.
Output Power
The device has been specified for the worst-case sce-
nario—when both inputs are in-phase. Under this con-
dition, the amplifiers simultaneously draw current from
the charge pump, leading to a slight loss in SVSS head-
room. In typical stereo audio applications, the left and
right signals have differences in both magnitude and
phase, subsequently leading to an increase in the max-
imum attainable output power. Figure 6 shows the two
extreme cases for in- and out-of-phase. In reality, the
available power lies between these extremes.
Powering Other Circuits
from a Negative Supply
An additional benefit of the MAX9722A/MAX9722B is
the internally generated, negative supply voltage
(PVSS). This voltage provides the ground-referenced
output level. PVSS can, however, be used to power
other devices within a design limit current drawn from
PVSS to 5mA; exceeding this affects the headphone
amplifier operation. A typical application is a negative
supply to adjust the contrast of LCD modules.
PVSS is roughly proportional to PVDD and is not a regulat-
ed voltage. The charge-pump output impedance must be
taken into account when powering other devices from
PVSS. The charge-pump output impedance plot appears
in the Typical Operating Characteristics. For best results,
use 1µF charge-pump capacitors.
UVLO
The MAX9722A/MAX9722B feature an UVLO function
that prevents the device from operating if the supply
voltage is less than 2.2V (typ). This feature ensures
proper operation during brownout conditions and pre-
vents deep battery discharge. Once the supply voltage
reaches the UVLO threshold, the MAX9722A/
MAX9722B charge pump is turned on and the ampli-
fiers are powered.
P
T
DISSPKG MAX
J MAX
JA
()
()
=
-TA
θ
5V, Differential Input, DirectDrive, 130mW
Stereo Headphone Amplifiers with Shutdown
______________________________________________________________________________________
11
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.8
3.6
2.6
2.8
3.0
3.2
3.4
20
40
60
80
100
120
140
160
0
2.4
4.0
fIN = 1kHz
RL = 32
THD+N = 10%
INPUTS
IN PHASE
INPUTS 180
°
OUT OF PHASE
Figure 6. Distortion Contributed by DC-Blocking Capacitors


Similar Part No. - MAX9722BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722BEUE MAXIM-MAX9722BEUE Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
More results

Similar Description - MAX9722BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A MAXIM-MAX97220A_14 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com