Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90881G Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT90881G
Description  TDM to Packet Processors
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90881G Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT90881G Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 10Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 11Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 12Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 13Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 14Page - Zarlink Semiconductor Inc MT90881G Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
MT90880/1/2/3
Data Sheet
11
Zarlink Semiconductor Inc.
2.0
Physical Specification
The device is contained in a 456-ball plastic ball grid array (456 PBGA) package:
Body Size: 27 mm x 27 mm
Ball Count: 456
Ball Pitch: 1.0 mm
Ball Matrix: 26 x 26 (partially populated with a 6 x 6 GND matrix in the centre)
Ball Diameter 0.63 mm
Total Package Thickness 2.03 mm
Package is viewed from the top side (e.g,. through top of the package). Note ball A1 is non-chamfered corner.
Figure 2 - Package View and Ball Positions


Similar Part No. - MT90881G

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080 MITEL-MT9080 Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080AP MITEL-MT9080AP Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
MT9080BP MITEL-MT9080BP Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
More results

Similar Description - MT90881G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34S101 MAXIM-DS34S101 Datasheet
1Mb / 13P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com