Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5C2564C-55 Datasheet(PDF) 10 Page - Austin Semiconductor

Part # MT5C2564C-55
Description  SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C2564C-55 Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button MT5C2564C-55 Datasheet HTML 3Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 4Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 5Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 6Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 7Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 8Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 9Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 10Page - Austin Semiconductor MT5C2564C-55 Datasheet HTML 11Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SRAM
MT5C2564
Austin Semiconductor, Inc.
MT5C2564
Rev. 2.0 11/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
** OPTIONS
L = 2V Data Retention/Low Power
ORDERING INFORMATION
EXAMPLE: MT5C2564EC-45/XT
Device
Number
Package
Type
Speed
ns
Options** Process
Device
Number
Package
Type
Speed
ns
Options** Process
MT5C2564
C
-15
L
/*
MT5C2564
EC
-15
L
/*
MT5C2564
C
-20
L
/*
MT5C2564
EC
-20
L
/*
MT5C2564
C
-25
L
/*
MT5C2564
EC
-25
L
/*
MT5C2564
C
-35
L
/*
MT5C2564
EC
-35
L
/*
MT5C2564
C
-40
L
/*
MT5C2564
EC
-40
L
/*
MT5C2564
C
-55
L
/*
MT5C2564
EC
-55
L
/*
MT5C2564
C
-70
L
/*
MT5C2564
EC
-70
L
/*
EXAMPLE: MT5C2564C-20L/IT


Similar Part No. - MT5C2564C-55

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C2564C-55/883C AUSTIN-MT5C2564C-55/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-55/IT AUSTIN-MT5C2564C-55/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-55/XT AUSTIN-MT5C2564C-55/XT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-55L/883C AUSTIN-MT5C2564C-55L/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-55L/IT AUSTIN-MT5C2564C-55L/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
More results

Similar Description - MT5C2564C-55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com