Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR280UN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMR280UN
Description  N-channel mTrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMR280UN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMR280UN Datasheet HTML 4Page - NXP Semiconductors PMR280UN Datasheet HTML 5Page - NXP Semiconductors PMR280UN Datasheet HTML 6Page - NXP Semiconductors PMR280UN Datasheet HTML 7Page - NXP Semiconductors PMR280UN Datasheet HTML 8Page - NXP Semiconductors PMR280UN Datasheet HTML 9Page - NXP Semiconductors PMR280UN Datasheet HTML 10Page - NXP Semiconductors PMR280UN Datasheet HTML 11Page - NXP Semiconductors PMR280UN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
PMR280UN
N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 01 — 5 March 2004
8 of 12
9397 750 12662
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Tj =25 °C and 150 °C; VGS =0V
ID = 1 A; VDD =10V
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 13. Gate-source voltage as a function of gate
charge; typical values.
03an05
0
0.2
0.4
0.6
0.8
1
00.5
11.5
VSD (V)
IS
(A)
Tj = 25 °C
150
°C
VGS = 0 V
03an07
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
QG (nC)
VGS
(V)
ID = 1 A
Tj = 25 °C
VDD = 10 V


Similar Part No. - PMR280UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMR280UN NEXPERIA-PMR280UN Datasheet
344Kb / 14P
   N-channel TrenchMOS ultra low level FET
Rev. 2 - 3 February 2012
More results

Similar Description - PMR280UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMR400UN PHILIPS-PMR400UN Datasheet
90Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-3 March 2004
PMF400UN PHILIPS-PMF400UN Datasheet
91Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-11 February 2004
PMGD280UN PHILIPS-PMGD280UN Datasheet
94Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 01-10 February 2004
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
logo
Nexperia B.V. All right...
PMF400UN NEXPERIA-PMF400UN Datasheet
209Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 11 February 2004
logo
NXP Semiconductors
PMGD400UN PHILIPS-PMGD400UN Datasheet
93Kb / 12P
   Dual N-channel mTrenchMOS??ultra low level FET
Rev. 01-3 March 2004
PMWD15UN PHILIPS-PMWD15UN Datasheet
88Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 04-5 April 2005
logo
Nexperia B.V. All right...
PMF280UN NEXPERIA-PMF280UN Datasheet
208Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 27 February 2004
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com