Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWB130A30 Datasheet(PDF) 2 Page - SanRex Corporation

Part # PWB130A30
Description  THYRISTOR MODULE (NON-ISOLATED TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PWB130A30 Datasheet(HTML) 2 Page - SanRex Corporation

  PWB130A30 Datasheet HTML 1Page - SanRex Corporation PWB130A30 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PWB130A
;
Peak Forward Gate Voltag(10V)
Peak
Gate
Power
10W
Av
era
ge
G
ate
P
ow
er(1
W
Maximum Gate Voltage that will not terigger any unit
Gate Characteristics
Gate Current(mA)
10
10
10
10
10
Peak Forward Gate Voltag(10V)
150℃
25℃
-30℃
Maximum
Maximum
Tj=150℃
On-State Voltage max
On-State Voltage(V)
10
10
10
0.
1.
1.
2.
3.
2.
: Conduction Angle
360
2
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
150
200
250
100
50
100
150
50
200
250
Per one element
D.C.
θ=30゜
θ=90゜
θ=60゜
θ=120゜
θ=180゜
D.C.
D.C.
360
2
Per one element
θ: Conduction Angle
90
100
110
130
120
140
150
160
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
100 120 140 160 180
20 40 60 80
220
200
D.C.
θ=30゜
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=180゜
3500
3000
2500
2000
1500
10
20
100
50
Time(cycles)
Surge On-State Current Rating
(Non-Repetitive)
60Hz
Per one element
Tj=25℃
0.
0.
0.
10
ー3
10
ー2
10
ー1
10
10
Transient Thermal Impedance
Time
t(sec)
Per one element
Junction to Case


Similar Part No. - PWB130A30

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
PWB130A30 NAINA-PWB130A30 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
More results

Similar Description - PWB130A30

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
60NT3 NAINA-60NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
80NT3 NAINA-80NT3 Datasheet
116Kb / 2P
   Non-isolated Thyristor Module
100NT3 NAINA-100NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
   Non-isolated Thyristor Module, 80A
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
   Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
   Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
   Non-isolated Thyristor Module, 130 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com