Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16706 Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # SM16706
Description  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706 Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM16706 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 14Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
Page 10
V2.0 MAY,2003
Output Current - Duty (LED turn-on rate)
Ta - PD
Ambient Temerature Ta (oC)
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40 -20
0
20
40
60
80
F/FN FREE AIR
F/FN ON PCB
P/SP FREE
AIR
R
EXT (
Ω
) Fig. 1
100
90
70
80
60
50
30
40
10
20
0
200 300
500
1,000
2,000 3,000 5,000
VCE = 0.7V
VDD = 5.0V
IOUT ≒ {(1.23 / REXT (Ω)} × 15.2
Output Current - REXT Resistor
Output Current - Output Voltage
REXT - IOUT
Rext=240Ω
Rext=470Ω
Rext=3900Ω
0.5
1
1.5
2
2.5
3
IOUT
IOUT-VOUT
VOUT
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
0


Similar Part No. - SM16706

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16706

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com