Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16706P Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM16706P
Description  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706P Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM16706P Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MAXIMUM RATINGS (Ta = 25oC)
Page 5
DIP : Ambient temperature derated above 25oC in the proportion of 14.2mW / oC
SOP/ SSOP: Ambient temperature delated above 25oC in the proportion of 8.3mW / oC
(Note)
RECOMMENDED OPERATING CONDITION (Ta = - 40 ~ 85oC unless otherwise noted)
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
V2.0 MAY,2003
PD
VDD
VIN
IOUT
VOUT
fCLK
IGND
Topr
Tstg
Rth (j-a)
Supply Voltage
Input Voltage
Output Current
Output Voltage
Clock Frequency
GND Terminal Current
Operating Termerature
Storage Temperature
Thermal Resistance
Power Dissipation
0 ~ 7.0
- 0.4 ~ VDD +0.4
90
- 0.5 ~ 20.0
25
1440
1.78 (DIP : FREE AIR, Ta = 25oC)
1.00 (SOP/ SSOP : ON PCB, Ta = 25oC)
-40 ~ 85
-55 ~ 150
70 (DIP : FREE AIR, Ta = 25oC)
120 (SOP/ SSOP : ON PCB, Ta = 25oC)
V
V
mA
V
MHz
mA
W
oC / W
oC
oC
Symbol
Characteristic
Rating
Unit
V
Output Current
Supply Voltage
Output Voltage
mA
V
V
5
4.5
5.0
88
1.0
5.5
15.0
OUTn,DC test circuit
SERIAL-OUT
IO
IOH
VDD
VOUT
-1.0
SERIAL-OUT
IOL
Input Voltage
VDD = 4.5 ~ 5.5V
0.7
VDD
VDD
+0.3
VIH
LATCH Pulse Width
CLOCK Pulse Width
ns
ns
20
20
tw LAT
tw CLK
ns
-500
tw EN
ENABLE Pulse Width
Hold Time for DATA
Set-up Time for LATCH
ns
ns
20
20
thold (D)
tsetup(L)
ns
20
tsetup(D)
Set-up Time for DATA
Characteristic
Unit
Min.
Typ. Max.
Condition
Symbol
-0.3
0.3
VDD
VIL
W
0.50
Ta = 85oC
(SOP/ SSOP ON PCB)
MHz
25
Clock Frequency
Cascade operation
fCLK
Power Dissipation
PD
Ta = 85oC(DIP FREE AIR)
0.92


Similar Part No. - SM16706P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16706P

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com