Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16706P Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SM16706P
Description  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706P Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SM16706P Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706P Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
The SM16706P/SP/F/FN are specifically designed
for LED display constant current drivers.
This constant current output circuits is able to setup
by external resistor (IOUT = 5 ~ 90mA).
This IC is monolithic integrated circuit designed to be
used together with Bi-CMOS process.
The devices consist of 16bit shift register, latch,
AND-GATE and Constant Current Drivers.
PIN ASSIGNMENTS
GENERAL DESCRIPTION
FEATURES
Page 1
* Constant Current Output :
can setup all output current with one resistor
for 5 to 90mA.
* Maximum Clock Frequency :
fCLK = 25 (MHz)
(Cascade Connect Operate,
Topr = 25oC)
* 5V CMOS Compatible Input
* 24 pin SKINY DIP,SDIP, SOP or SSOP package
* Constant Output Current Matching :
Output-GND
Voltage
Current
Matching
Output Current
0.7V
±
6.0%
5 ~ 90mA
0.4V
±
6.0%
5 ~ 40mA
V.2.0 MAY,2003
SM16706
24
21
22
23
1
4
3
2
GND
LATCH
CLOCK
SERIAL-IN
VDD
ENABLE
SERIAL-OUT
R-EXT
SM16706F
24pin SOP
SM16706SP
24pin SDIP
SM16706FN
24pin SSOP
17
18
19
20
8
7
6
5
OUT3
OUT2
OUT1
OUT0
OUT12
OUT13
OUT14
OUT15
13
14
15
16
12
11
10
9
OUT7
OUT6
OUT5
OUT4
OUT8
OUT9
OUT10
OUT11
SM16706P
24pin SKINY DIP
Part Number
Package Type


Similar Part No. - SM16706P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16706P

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com