Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3PS25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD3PS25
Description  P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PS25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD3PS25 Datasheet HTML 2Page - STMicroelectronics STD3PS25 Datasheet HTML 3Page - STMicroelectronics STD3PS25 Datasheet HTML 4Page - STMicroelectronics STD3PS25 Datasheet HTML 5Page - STMicroelectronics STD3PS25 Datasheet HTML 6Page - STMicroelectronics STD3PS25 Datasheet HTML 7Page - STMicroelectronics STD3PS25 Datasheet HTML 8Page - STMicroelectronics STD3PS25 Datasheet HTML 9Page - STMicroelectronics STD3PS25 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
STD3PS25 - STD3PS25-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


Similar Part No. - STD3PS25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD3PK50 ISC-STD3PK50 Datasheet
332Kb / 2P
   N-Channel MOSFET
logo
STMicroelectronics
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
More results

Similar Description - STD3PS25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
   N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
   N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY??MOSFET
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
   N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
   N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com