Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913ESY5006V Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL4913ESY5006V
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY5006V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913ESY5006V Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY5006V Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RHFL4913 FIXED VERSION
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
10.54
0.415
B
10.54
0.415
C
16.64
0.655
D
4.7
5.33
0.185
0.210
E
1.02
0.40
F
3.56
3.68
3.81
0.140
0.145
0.150
G
13.51
0.532
H
5.26
0.207
I
0.76
0.030
J
3.05
0.120
K
2.54
0.100
L
15.2
16.5
0.598
0.650
M
2.29
0.090
N
0.71
0.028
R
1.65
0.065
TO-257 MECHANICAL DATA
0117268C


Similar Part No. - RHFL4913ESY5006V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY5006V STMICROELECTRONICS-RHFL4913ESY5006V Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913ESY5006V STMICROELECTRONICS-RHFL4913ESY5006V Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913ESY5006V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Intersil Corporation
ISL75052SEH INTERSIL-ISL75052SEH Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com