Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6217 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6217
Description  Smart Quad Channel Low-Side Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6217 Datasheet HTML 1Page - Infineon Technologies AG TLE6217 Datasheet HTML 2Page - Infineon Technologies AG TLE6217 Datasheet HTML 3Page - Infineon Technologies AG TLE6217 Datasheet HTML 4Page - Infineon Technologies AG TLE6217 Datasheet HTML 5Page - Infineon Technologies AG TLE6217 Datasheet HTML 6Page - Infineon Technologies AG TLE6217 Datasheet HTML 7Page - Infineon Technologies AG TLE6217 Datasheet HTML 8Page - Infineon Technologies AG TLE6217 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 5 of 20
30. 07. 2002
Maximum Ratings for T j = – 40°C to 150°C
The maximum ratings may not be exceeded under any circumstances, not even momentarily and
individually, as permanent damage to the IC will result.
Parameter
Symbol
Values
Unit
Supply voltage
VS
-0.3 ... + 40
V
Continuous drain source voltage (OUT1...OUT4)
VDS
40
V
Input voltage IN1 to IN4, ENA
VIN , VENA
-
1.5... + 6
V
Input voltage STBY
VSTBY
- 0.3 ... + 40
Status output voltage
VST
- 0.3 ... + 32
V
Operating temperature range
Σt = 30 min
Σt = 15 min
Storage temperature range
Tj
Tj
Tj
Tstg
-
40 ... + 150
175
190
- 55 ... + 150
°C
Output current per channel
ID(lim)
overload
shutdown
A
Output current at reversal supply
ID 1,2
ID 3,4
- 4
- 2
A
Status output current
IST
- 5 ... + 5
mA
Inductive load switch off energy (single pulse)
Tj = 25°C
EAS
50
mJ
Electrostatic Discharge Voltage (HBM) according to MIL STD
883D, method 3015.7 and EOS/ESD assn. Standard S5.1 –
1993
Output 1-4 Pins
All other Pins
VESD
VESD
4000
2000
V
V
Thermal resistance
junction – case (die soldered on the frame)
RthJC
2
K/W
Maximum operating lifetime (according to "Ambient thermal
conditions")
tb
10000
h
Ambient thermal conditions
TAmbient temperature
range
operating periods
-40 °C
2 %
-20 °C
10 %
25 °C
24 %
60 °C
34 %
80 °C
24 %
100 °C
5 %
> 120 °C
1 %


Similar Part No. - TLE6217

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
More results

Similar Description - TLE6217

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com