Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F0253502VZA Datasheet(PDF) 2 Page - STMicroelectronics

Part # 5962F0253502VZA
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0253502VZA Datasheet(HTML) 2 Page - STMicroelectronics

  5962F0253502VZA Datasheet HTML 1Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 2Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 3Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 4Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 5Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 6Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 7Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 8Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RHFL4913 FIXED VERSION
2/11
Table 1: Absolute Maximum Ratings (Note 1)
Note 1: Exceeding maximum ratings may damage the device.
Table 2: Thermal Data
Figure 1: Connection Diagram (Top view, Bottom view for SMD.5)
Table 3: Pin Description
Symbol
Parameter
Value
Unit
VI
DC Input Voltage, VI -VGROUND
14
V
IO
Output Current
RHFL4913S, ESY
3
A
RHFL4913KP
2
PD
TC = 25°C Power Dissipation
15
W
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
-55 to +150
°C
ESD
Electrostatic Discharge Capability
Class 3
Symbol
Parameter
FPC-16
TO-257
SMD.5
Unit
Rthj-case
Thermal Resistance Junction-case
8.3
8.3
8.3
°C/W
Tsold
Maximum soldering Temperature, 10sec.
300
°C
PIN N°
FPC-16
SMD.5
TO-257
VO
1, 2, 6, 7
1
3
VI
3, 4, 5
2
1
GND
13
3
2
ISC
8
OCM
10
INHIBIT
14
SENSE
16
NC
9, 11, 12, 15
FPC-16
TO-257
SMD.5


Similar Part No. - 5962F0253502VZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
5962F0253502VZA STMICROELECTRONICS-5962F0253502VZA Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
5962F0253502VZA STMICROELECTRONICS-5962F0253502VZA Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - 5962F0253502VZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Intersil Corporation
ISL75052SEH INTERSIL-ISL75052SEH Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com