Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE457 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE457
Description  Silicon N-Channel JFET Transistor General Purpose Amp, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE457 Datasheet(HTML) 1 Page - NTE Electronics

  NTE457 Datasheet HTML 1Page - NTE Electronics NTE457 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE457
Silicon N–Channel JFET Transistor
General Purpose Amp, Switch
Absolute Maximum Ratings:
Drain–Source Voltage, VDS
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain–Gate Voltage, VDG
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Gate–Source Voltage, VGSR
–25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current, IG
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TA = +25°C), PD
310mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
2.82mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Gate–Source Breakdown Voltage
V(BR)GS
S
IG = –10µA, VDS = 0
–25
V
Gate Reverse Current
IGSS
VGS = 15V, VDS = 0
–1
mA
VGS = 15V, VDS = 0, TA = +100°C
–200
mA
Gate–Source Cutoff Voltage
VGS(off)
VDS = 15V, ID = 10nA
–0.5
–6.0
V
Gate–Source Voltage
VGS
VDS = 15V, ID = 100µA
–2.5
V
ON Characteristics
Zero–Gate Voltage Drain Current
IDSS
VDS = 15V, VGS = 0, Note 1
1
3
5
mA
Small–Signal Characteristics
Forward Transfer Admittance
Common Source
|yfs|
VDS = 15V, VGS = 0, f = 1kHz,
Note 1
1000
5000
µmhos
Output Admittance Common Source
|yos|
VDS = 15V, VGS = 0, f = 1kHz,
Note 1
10
50
µmhos
Input Capacitance
Ciss
VDS = 15V, VGS = 0, f = 1kHz
4.5
7.0
pF
Reverse Transfer Capacitance
Crss
VDS = 15V, VGS = 0, f = 1kHz
1.5
3.0
pF
Note 1. Pulse Test: Pulse Width
≤ 630ms, Duty Cycle ≤ 10%.


Similar Part No. - NTE457

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE450A ETC2-NTE450A Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
NTE Electronics
NTE451 NTE-NTE451 Datasheet
23Kb / 2P
   Silicon N-Channel JFET Transistor VHF/UHF Amplifier
NTE452 NTE-NTE452 Datasheet
24Kb / 2P
   Silicon N-Channel JFET Transistor VHF Amplifier, Mixer
logo
Texas Instruments
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
logo
NTE Electronics
NTE454 NTE-NTE454 Datasheet
26Kb / 3P
   MOSFET, N-Ch, Dual Gate, TV UHF/RF Amp, Gate Protected
More results

Similar Description - NTE457

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE456 NTE-NTE456 Datasheet
22Kb / 2P
   N-Channel Silicon JFET General Purpose Amp, Switch
logo
ON Semiconductor
MMBF5457LT1 ONSEMI-MMBF5457LT1 Datasheet
56Kb / 6P
   JFET - General Purpose Transistor N-Channel
July, 2005 ??Rev. 4
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
ON Semiconductor
MMBF5460LT1 ONSEMI-MMBF5460LT1_06 Datasheet
60Kb / 5P
   JFET - General Purpose Transistor P-Channel
February, 2006 ??Rev. 2
logo
NTE Electronics
NTE326 NTE-NTE326 Datasheet
21Kb / 2P
   Silicon P-Channel JFET Transistor General Purpose AF Amplifier
NTE489 NTE-NTE489 Datasheet
21Kb / 2P
   Silicon P-Channel JFET Transistor General Purpose AF Amplifier
logo
Calogic, LLC
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
   N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com