Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP7610 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VP7610
Description  COLOUR DIGITAL VIDEO CAMERA DECODER IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VP7610 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VP7610 Datasheet HTML 1Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 2Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 3Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 4Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 5Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 6Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 7Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 8Page - List of Unclassifed Manufacturers VP7610 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3
VP7610
FUNCTION
SIZE
DESCRIPTION
Colour Calibration Matrix
78 bit
9x9 bit signed coefficients converting CMYG to RGB
Gating Zone Start Pixel
16 bits
8 bits for column # and for row #, in 4 pixel increments
Gating Zone End Pixel
16 bits
8 bits for column # and for row #, in 4 pixel increments
Gamma Correction
128 bit
Locus of 16 points of 8 bits each forms many curves
Horiz. Aperture Correction
4 bits
00H = 0%, 40H = +100%, 70H = +175%, F0H= -175%
Vert. Aperture Correction
4 bits
00H = 0%, 40H = + 50%, 70H = + 87%, F0H= - 87%
Processor bypass
2 bits
0=normal, 1=pass raw 8 bit samples to Y output pins
CamPortTM select
1 bit
0=port A, 1=port B
Test pattern generator
1 bits
0=live video, 1=colourbars
PARAMETER
MAXIMUM VALUE OR SPECIFICATION
CCD Resolution
Up to 768 pixels per line
Field Rate
Up to 60 fields per second
Video Sample Rate
30 MHz. max. input clock rate, 15MHz. max. output clock rate
Video Sample Quantization
8 bit samples in 2 nibbles of 4 bits each
Control Signals
Standard I2C protocol
Configuration Inputs
I2C address offset, output enable
Gamma Correction
Programmable via 16 arbitrary connected line segments
Output Format
CCIR601 compliant 4:2:2 digital video, pixels per line=CCD pixels
Output Colourspace
YCrCb luminance & chrominance
Output Signals
16 bit digital video, H & V sync, 1X & 2X clock, field ID, chroma ID
Power Consumption
950mW
PERFORMANCE
STATUS REGISTERS
FUNCTION
SIZE
DESCRIPTION
Gated Luminance Sum
32 bits
Sum of luminance values within gated zone
Gated Luminance Peak
8 bits
Value of peak luminance pixel(s) within gated zone
Gate Red Chrominance Sum
32 bits
Sum of red chrominance values within gated zone
Gated Blue Chrominance Sum
32 bits
Sum of blue chrominance values within gated zone
CONTROL REGISTERS


Similar Part No. - VP7610

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7610CGFPIR ZARLINK-VP7610CGFPIR Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results

Similar Description - VP7610

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
HA118144AF ETC-HA118144AF Datasheet
107Kb / 23P
   Video Camera CDS/AGC IC
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
CH5101A ETC1-CH5101A Datasheet
132Kb / 32P
   CMOS Monochrome Digital Video Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com