Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L2550IM Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16L2550IM
Description  LOW VOLTAGE DUART WITH 16-BYTE FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2550IM Datasheet(HTML) 4 Page - Exar Corporation

  XR16L2550IM Datasheet HTML 1Page - Exar Corporation XR16L2550IM Datasheet HTML 2Page - Exar Corporation XR16L2550IM Datasheet HTML 3Page - Exar Corporation XR16L2550IM Datasheet HTML 4Page - Exar Corporation XR16L2550IM Datasheet HTML 5Page - Exar Corporation XR16L2550IM Datasheet HTML 6Page - Exar Corporation XR16L2550IM Datasheet HTML 7Page - Exar Corporation XR16L2550IM Datasheet HTML 8Page - Exar Corporation XR16L2550IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
XR16L2550
áç
áç
áç
áç
LOW VOLTAGE DUART WITH 16-BYTE FIFO
REV. 1.0.0
4
TXRDYB#
-
12
6
O
UART channel B Transmitter Ready (active low). The out-
put provides the TX FIFO/THR status for transmit channel
B. If it is not used, leave it unconnected.
RXRDYB#
-
23
18
O
UART channel B Receiver Ready (active low). This output
provides the RX FIFO/RHR status for receive channel B.
If it is not used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
5
13
7
O
UART channel A Transmit Data. If it is not used, leave it
unconnected.
RXA
4
11
5
I
UART channel A Receive Data. Normal receive data input
must idle at logic 1 condition. If it is not used, tie it to VCC
or pull it high via a 100k ohm resistor.
RTSA#
23
36
33
O
UART channel A Request-to-Send (active low) or general
purpose output. This output must be asserted prior to
using auto RTS flow control, see EFR[6], MCR[1] and
IER[6]. If it is not used, leave it unconnected.
CTSA#
25
40
38
I
UART channel A Clear-to-Send (active low) or general
purpose input. It can be used for auto CTS flow control,
see EFR[7] and IER[7]. This input should be connected to
VCC when not used.
DTRA#
-
37
34
O
UART channel A Data-Terminal-Ready (active low) or
general purpose output. If it is not used, leave it uncon-
nected.
DSRA#
-
41
39
I
UART channel A Data-Set-Ready (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
CDA#
-
42
40
I
UART channel A Carrier-Detect (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
RIA#
-
43
41
I
UART channel A Ring-Indicator (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
OP2A#
-
35
32
O
Output Port 2 Channel A - The output state is defined by
the user and through the software setting of MCR[3].
INTA is set to the active mode and OP2A# output to a
logic 0 when MCR[3] is set to a logic 1. INTA is set to the
three state mode and OP2A# to a logic 1 when MCR[3] is
set to a logic 0. This output should not be used as a gen-
eral output else it will disturb the INTA output functionality.
If it is not used at all, leave it unconnected.
TXB
6
14
8
O
UART channel B Transmit Data. If it is not used, leave it
unconnected.
RXB
3
10
4
I
UART channel B Receive Data. Normal receive data input
must idle at logic 1 condition. If it is not used, tie it to VCC
or pull it high via a 100k ohm resistor.
Pin Description
NAME
32-QFN
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16L2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550IM EXAR-XR16L2550IM Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16L2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550 EXAR-XR16M2550 Datasheet
1,018Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550 Datasheet
910Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550_07 Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552 Datasheet
934Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com