Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8450KLB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8450KLB
Description  Automotive Multioutput Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8450KLB Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8450KLB Datasheet HTML 1Page - Allegro MicroSystems A8450KLB Datasheet HTML 2Page - Allegro MicroSystems A8450KLB Datasheet HTML 3Page - Allegro MicroSystems A8450KLB Datasheet HTML 4Page - Allegro MicroSystems A8450KLB Datasheet HTML 5Page - Allegro MicroSystems A8450KLB Datasheet HTML 6Page - Allegro MicroSystems A8450KLB Datasheet HTML 7Page - Allegro MicroSystems A8450KLB Datasheet HTML 8Page - Allegro MicroSystems A8450KLB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
A8450KLB-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A8450
Automotive Multioutput Voltage Regulator
ELECTRICAL CHARACTERISTICS at TA = –40ºC to 135°C, VBB = 6 to 45 V, VENB = 5 V, unless otherwise noted
Continued on next page
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Quiescent Current
IBB
Enabled mode: VENBAT or VENB = HIGH,
IOUT = 0 mA: VBB = 14 V
6
10
mA
Enabled mode: VENBAT or VENB = HIGH,
IOUT = 0 mA; VBB = 6 V
–10
15
mA
Disabled mode: VENBAT and VENB = LOW
10
µA
Regulated Output Voltage
VREG
ILOAD = 550 mA = ILOADV5D + ILOADV5A + ILOADV33
+ ILOADVADJ; VBB > 6.5 V
5.50
5.80
V
Dropout: 6 V ≤ VBB < 6.5 V
5.00
5.80
V
Buck Switch On-Resistance
RDSON
TJ = 25°C
415
500
mΩ
TJ = 135°C
650
750
mΩ
Buck Switch Current Limit
IDSLIM
1.0
1.2
1.8
A
dc-to-dc Fixed Off-Time
tOFF
VBB = 14 V
4.75
µs
Soft Start Time
tSS
VBB = 14 V
5
10
15
ms
Logic Inputs
ENBAT Logic Input Voltage
VENBAT
HIGH input level
2.7
45
V
LOW input level
–0.3
0.8
V
ENBAT Input Current
IENBAT
HIGH input level, VENBAT = 45 V
300
µA
HIGH input level, VENBAT = 14 V
70
µA
LOW input level, VENBAT = 0.8 V
–1
10
µA
ENB Logic Input Voltage
VENB
HIGH input level
2.7
6.5
V
LOW input level
–0.3
0.8
V
ENB Input Current
IENB
HIGH input level, VENB ≥ 2.7 V
50
µA
LOW input level, VENB ≤ 0.8 V
–1
10
µA
Linear Regulator Outputs*
V5D Output Voltage
VOUTV5D 1 mA ≤ ILOADV5D ≤ 200 mA
4.9
5.0
5.1
V
V5A Output Voltage
VOUTV5A 1 mA ≤ ILOADV5A ≤ 200 mA
4.9
5.0
5.1
V
V33 Output Voltage
VOUTV33
3.234 3.300 3.366
V
V5A to V5D Tracking
VTRACK
50 mA ≤ ILOADV5A, ILOADV5D ≤ 200mA;
VBB > 6.5 V
–25
25
mV
V5D Current Limit
IOUTV5DLIM
200
300
mA
V5A Current Limit
IOUTV5ALIM
200
300
mA
Base Drive Output Current
IBD
1 V ≤ VOUTVADJ, VOUTV33 ≤ 4 V
5.0
10.0
16.0
mA
Feedback Voltage
VFB
1.16
1.20
1.24
V
Feedback Input Bias Current
IFB
–400
–100
100
nA


Similar Part No. - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
More results

Similar Description - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
logo
Motorola, Inc
MC3325 MOTOROLA-MC3325 Datasheet
121Kb / 3P
   Automotive Voltage Regulator
logo
STMicroelectronics
L9914 STMICROELECTRONICS-L9914 Datasheet
389Kb / 13P
   All silicon automotive voltage regulator
March 2021 Rev 7
logo
Seiko Instruments Inc
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
ON Semiconductor
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
   5 V low drop linear voltage regulator for automotive application
April 2019 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com