Part Name
         Description
CX20505

 Integrated Analog Device for GSM and GPRS Applications ( 4 Page)


ETC
100% 
Zoom Out Zoom In
   
 1 page
background image
103186A
Skyworks Solutions, Inc., Proprietary and Confidential
1
[781] 376-3000
fax [781] 376-3100sales@skyworksinc.comwww.skyworksinc.com
September 22, 2003
PRODUCT SUMMARY
CX20505-14 Integrated Analog Device for GSM and GPRS
Applications
APPLICATIONS
Global System for Mobile communications™ (GSM™)
and General Packet Radio Service (GPRS) Multiband
Handsets
GSM and GPRS Data Modules
FEATURES
Supports Multi-slot GPRS up to Class 10
Σ∆ Analog-to-Digital Converters (ADCs) for digitization of
baseband receive signal
Receive path Programmable Gain Amplifier (PGA) for
Automatic Gain Control (AGC) of received signal
Burst Store Random Access Memory (RAM) for storage of
transmit data bursts
Gaussian Minimum-Shift Keying (GMSK) Digital Modulator
for modulation of Burst Store contents
Digital-to-Analog Converters (DACs) for analog conversion
of the GMSK modulator output
Transmit power ramping and power level control
Low noise, voice-band ADC for interface to handset
microphone
Low noise voice-band DAC for interface to handset
speaker
Auxiliary 8-bit ADC for monitoring system signals such as
battery voltage
High speed serial ports for interface to a Baseband
Processor device
Internal power supply regulation from a single input
voltage
Temperature Sensor for system thermal monitoring
104-pin 10 mm x 10 mm FPBGA package
Introduction
The CX20505-14 Integrated Analog (IA) is a highly integrated
device designed for use in multi-band GSM and GPRS
handsets. This device implements all the voice-band, mixed
signal, and radio control functions in a GSM/GPRS handset.
In the receive path, the CX20505-14 digitizes the baseband
In-Phase/Quadrature (I/Q) input, and outputs the digital
samples on the device receive port. The receive path features
a PGA for AGC of the receive signal.
In the transmit path, bursts of digital data are input to the
device over the control port. The GMSK modulator generates
modulated I and Q waveforms from the input data. The I and Q
waveforms are converted into analog waveforms and output
from the device.
The CX20505-14 generates an analog signal to control the
handset Power Amplifier (PA) output level. The signal is then
input to the Power Amplifier Control (PAC) circuit.
The voice-band Codec section provides an interface to a 32
handset speaker and microphone. Line In/Out signals are also
available for interfacing to audio accessories such as a headset
or car kit.
The device operates directly from a single cell, 3.6 V Li Ion
battery with no external regulation required. The device
features Low Drop Out (LDO) voltage regulators that generate
the required device power supplies from the battery input.
A typical CX20505-14 application in a handset design is shown
in Figure 1. The device is packaged in a compact, 104-pin
(10mm x 10mm) Fine Pitch Ball Grid Array (FPBGA) see
Error! Reference source not found...
.
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SKY74963SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM GPRS and EDGE Applications 1 2 Skyworks Solutions Inc.
CX20460Power Management Integrated Circuit for GSM and GPRS Applications 1 2 3 4 List of Unclassifed Manufacturers
CX20524Mixed Signal Device for GSM and GPRS Applications 1 2 3 4 List of Unclassifed Manufacturers
NX8560SJNECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
SI4133G-X2DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RC56D-USBINTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS 1 2 3 4 5 MoreConexant Systems, Inc
AND8116Integrated Relay/Inductive Load Drivers for Industrial and Automotive Applications 1 2 3 4 5 MoreON Semiconductor
BAT64-07Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping applications Integrated diffused guard ring 1 2 3 4 Siemens Semiconductor Group
TRF7900AFully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems 1 2 3 Texas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl