Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE466 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE466
Description  Silicon N-Channel JFET Transistor Chopper, High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE466 Datasheet(HTML) 1 Page - NTE Electronics

  NTE466 Datasheet HTML 1Page - NTE Electronics NTE466 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE466
Silicon N–Channel JFET Transistor
Chopper, High Speed Switch
Absolute Maximum Ratings:
Drain–Source Voltage, VDS
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain–Gate Voltage, VDG
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Gate–Source Voltage, VGSR
–40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Gate Current, IG(f)
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TA = +25°C), PD
360mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
2.4mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Gate–Source Breakdown Voltage
V(BR)GSS IG = 1A, VDS = 0
–40
V
Gate Reverse Current
IGSS
VGS = –20V, VDS = 0
0.25
nA
VGS = –20V, VDS = 0, TA = +150°C
0.5
µA
Gate–Source Cutoff Voltage
VGS(off)
VDS = 15V, ID = 0.5nA
–4
–10
V
Drain Cutoff Current
ID(off)
VDS = 15V, VGS = –10V
0.25
nA
VDS = 15V, VGS = –10V, TA = +150°C
0.5
µA
ON Characteristics
Zero–Gate–Voltage Drain Current
IDSS
VDS = 15V, VGS = 0, Note 1
50
mA
Drain–Source ON–Voltage
VDS(on)
ID = 20mA, VGS = 0
0.75
V
Small–Signal Characteristics
Drain–Source “ON” Resistance
rDS(on)
VGS = 0, ID = 0, f = 1kHz
25
Input Capacitance
Ciss
VDS = 0, VGS = –10V, f = 1MHz
18
pF
Reverse Transfer Capacitance
Crss
VDS = 0, VGS = –10V, f = 1MHz
0.8
pF
Switching Characteristics (Note 2)
Turn–On Delay Time
td(on)
VDD = 10V, ID(on) = 20mA,
6
ns
Rise Time
tr
VGS(on) = 0, VGS(off) = –10V
3
ns
Turn–Off Time
toff
25
ns
Note 1. Pulse Test: Pulse Width = 100ms, Duty Cycle
≤ 10%.
Note 2. The ID(on) values are nominal; exact values vary slightly with transistor parameters.


Similar Part No. - NTE466

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE46 NTE-NTE46 Datasheet
23Kb / 2P
   Silicon NPN Transistor Darlington, General Purpose Amplifier, Preamp, Driver
NTE460 NTE-NTE460 Datasheet
21Kb / 2P
   Silicon P-Channel JFET Transistor AF Amp
NTE461 NTE-NTE461 Datasheet
83Kb / 2P
   Silicon N−Channel JFET Transistor Dual, Matched Pair DC Amp/Sampler/Chopper
NTE464 NTE-NTE464 Datasheet
23Kb / 2P
   Silicon Complementary MOSFET Transistors Enhancement Mode for Switching Applications
NTE465 NTE-NTE465 Datasheet
23Kb / 2P
   Silicon Complementary MOSFET Transistors Enhancement Mode for Switching Applications
More results

Similar Description - NTE466

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE469 NTE-NTE469 Datasheet
21Kb / 2P
   Silicon N-Channel JFET Transistor Chopper, High Speed Switch
NTE468 NTE-NTE468 Datasheet
21Kb / 2P
   Silicon N-Channel JFET Transistor Chopper, High Speed Switch
NTE467 NTE-NTE467 Datasheet
20Kb / 2P
   Silicon N-channel JFET Transistor Chopper, High Speed Switch
logo
New Jersey Semi-Conduct...
WW459 NJSEMI-WW459 Datasheet
85Kb / 2P
   N-Channel Silicon JFET Transistor AF Amplifier/Chopper/Switch
logo
NTE Electronics
NTE459 NTE-NTE459 Datasheet
22Kb / 2P
   N-Channel Silicon JFET Transistor AF Amplifier/Chopper/Switch
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
New Jersey Semi-Conduct...
2N4302 NJSEMI-2N4302 Datasheet
116Kb / 2P
   N-Channel JFET Silicon Transistor
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
NTE Electronics
NTE457 NTE-NTE457 Datasheet
20Kb / 2P
   Silicon N-Channel JFET Transistor General Purpose Amp, Switch
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com